Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

30239 Datasheet(PDF) 36 Page - Wiha Tools

No. de pieza 30239
Descripción Electrónicos  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WIHA [Wiha Tools]
Página de inicio  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30239 Datasheet(HTML) 36 Page - Wiha Tools

Back Button 30239 Datasheet HTML 32Page - Wiha Tools 30239 Datasheet HTML 33Page - Wiha Tools 30239 Datasheet HTML 34Page - Wiha Tools 30239 Datasheet HTML 35Page - Wiha Tools 30239 Datasheet HTML 36Page - Wiha Tools 30239 Datasheet HTML 37Page - Wiha Tools 30239 Datasheet HTML 38Page - Wiha Tools 30239 Datasheet HTML 39Page - Wiha Tools 30239 Datasheet HTML 40Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
Toll Free: (800) 494-6104
Nut Driver, With Hex Bolster & Wiha-SoftFinish® Handle
Blade CVM steel, hardened. Deep drawn 1” socket. Hex bolster for additional torque,
Solid shafts. Wiha-SoftFinish® cushion grip handle.
Item
No.
mm
mm
Inch
mm
mm
Inch
mm
Inch
lbs. pkg.
34712
7.0
125
5.0
10.0
238
9.4
36
1.42
.25
10
34715
8.0
125
5.0
10.0
238
9.4
36
1.42
.25
10
34718
9.0
125
5.0
10.0
238
9.4
36
1.42
.26
10
34721
10.0
125
5.0
10.0
238
9.4
36
1.42
.27
10
34724
11.0
125
5.0
13.0
247
9.7
41
1.61
.37
10
34727
12.0
125
5.0
13.0
247
9.7
41
1.61
.40
10
34730
13.0
125
5.0
13.0
247
9.7
41
1.61
.40
10
347
Nut Driver, Hex Bolster & Wiha-SoftFinish® Handle Inch sizes
Item
No.
Inch
Inch
mm
Inch
mm
Inch
mm
Inch
lbs. pkg.
34753
3/16
5.0
125
5/16
231
9.1
36
1.42
.18
10
34759
1/4
5.0
125
3/8
238
9.4
36
1.42
.24
10
34765
5/16
5.0
125
3/8
238
9.4
36
1.42
.25
10
34771
3/8
5.0
125
3/8
238
9.4
36
1.42
.26
10
34774
7/16
5.0
125
1/2
246
9.7
41
1.61
.38
10
34777
1/2
5.0
125
1/2
246
9.7
41
1.61
.40
10
347
Wiha SoftFinish® Heavy Duty Nut Drivers
5 Piece Nut Driver Set Metric sizes
Item
No.
mm
mm
mm
mm
lbs.
34791
5.0*
125
10.0
125
1.42
6.0*
125
11.0
125
8.0
125
6 Piece Nut Driver Set Inch sizes
Item
No.
Inch
Inch
Inch
Inch
lbs.
34792
3/16
5.0
3/8
5.0
1.94
1/4
5.0
7/16
5.0
5/16
5.0
1/2
5.0
34791
*Standard blade - no hex bolster
34792
Wiha SoftFinish® Metric Nut Drivers - Hollow Shaft
Hollow Shaft Nut Driver With Wiha-SoftFinish® Handle Metric
Item
No.
mm
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
34302
5.0
70
2.75
175
7.0
36
1.42
.14
10
34304
5.5
70
2.75
175
7.0
36
1.42
.14
10
34306
6.0
70
2.75
175
7.0
36
1.42
.15
10
34308
7.0
70
2.75
182
7.5
41
1.61
.25
10
34310
8.0
70
2.75
182
7.5
41
1.61
.25
10
34312
10.0
70
2.75
187
7.6
41
1.61
.27
10
34314
13.0
70
2.75
187
7.6
41
1.61
.40
10
343
7 Piece Hollow Shaft Nut Driver
Set Metric Sizes
Item
No.
mm
mm
mm
mm
lbs.
34391
5.0
70
8.0
70
1.41
5.5
70
10.0
70
6.0
70
13.0
70
7.0
70
34391
• Hollow shafts allow for fit over extended bolts
• Finally a handle that makes Nut Drivers useful
• Get 40% more power with SoftFinish cushion grip
• Soft ergonomic molded shape for maximum comfort
• Hardened for maximum torque and wear resistance
• Heavy duty hollow shaft - 3.7” depth
• Chrome plated anti corrosion finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com