Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

01729 Datasheet(PDF) 2 Page - Wiha Tools

No. de pieza 01729
Descripción Electrónicos  DuraBit, Pozidriv, Style E 6.3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WIHA [Wiha Tools]
Página de inicio  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01729 Datasheet(HTML) 2 Page - Wiha Tools

  01729 Datasheet HTML 1Page - Wiha Tools 01729 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01727
T10H 25
10
01728
T15H 25
10
01729
T20H 25
10
01730
T25H 25
10
7013 Z
Standard Bit, Hex, Style C 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style C 6.3.
Application
For all types of screw applications in trade and industry.
Order No.
01703
2,0
25
10
01704
2,5
25
10
01705
3,0
25
10
7041 Z
Standard Bit, Phillips, Style E 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Application
For all types of screw applications in trade and industry.
Extra
Overlength bits available in lengths of 70, 90, 110, 127 and 150 mm.
Order No.
01803
PH1
70
5
Page 3 of 6



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com