| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
00708 Datasheet(PDF) 1 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
00708 Datasheet(HTML) 1 Page - Wiha Tools |
|
|
1 / 1 page ![]() 146 146 Which drives are used for each individual product? Page 304 Screwdriver SoftFinish® Slotted with round blade for low-lying screws 302 Order-No. 00684 2,0• 65 0,4 2.0 169 23 10 00685 2,5 75 0,4 2.5 179 23 10 00686 3,0• 80 0,5 3.0 184 23 10 00687 3,0 100 0,5 3.0 204 23 10 00689 3,0• 150 0,5 3.0 254 23 10 00690 3,0• 200 0,5 3.0 304 23 10 32383 3,0 300 0,5 3.0 404 23 5 00691 3,5 100 0,6 3.5 204 23 10 26931 3,5• 200 0,6 3.5 304 23 10 00692 4,0 100 0,8 4.0 211 30 10 00694 4,0• 150 0,8 4.0 261 30 10 00695 4,0• 200 0,8 4.0 311 30 10 00696 4,0• 300 0,8 4.0 411 30 10 27753 4,5• 80 0,8 4.5 191 30 10 00697 4,5• 125 0,8 4.5 236 30 10 00698 5,5 125 1,0 5.5 236 30 10 00700 5,5 150 1,0 5.5 261 30 10 00701 5,5• 200 1,0 5.5 311 30 10 00702 5,5• 300 1,0 5.5 411 30 5 32384 6,0• 300 1,0 6.0 418 36 5 • Additional dimension. Non-DIN size. Slotted with round blade 302 Order-No. 27754 6,0 100 1,0 5.5 218 36 10 27755 6,0 150 1,0 5.5 268 36 10 00704 6,5 100 1,2 6.0 218 36 10 00703 6,5 150 1,2 6.0 268 36 10 00706 6,5• 200 1,2 6.0 318 36 10 00708 8,0 150 1,2 7.0 274 41 10 00707 8,0 175 1,2 7.0 299 41 10 00709 8,0 175 1,6 7.0 299 41 5 32399 8,0 300 1,2 7.0 424 41 5 00711 10,0 200 1,6 8.0 324 41 10 32400 10,0 300 1,6 8.0 424 41 5 00712 12,0 250 2,0 8.0 374 41 10 00713 14,0• 250 2,5 11.0 374 41 10 • Additional dimension. Non-DIN size. DIN ISO 2380. Phillips with round blade 311 Order-No. 00754 PH0 60 3,0 164 23 10 27756 PH0 100 3,0 204 23 10 00756 PH1 80 4,5 191 30 10 27757 PH1 100 4,5 211 30 10 00757 PH1• 200 4,5 311 30 10 03738 PH1• 300 4,5 411 30 5 00759 PH2 100 6,0 218 36 10 27758 PH2 150 6,0 268 36 10 00760 PH2• 200 6,0 318 36 10 03739 PH2• 300 6,0 418 36 5 00762 PH3 150 8,0 274 41 10 00763 PH4• 200 10,0 324 41 10 • Additional dimension. Non-DIN size. DIN ISO 8764-PH. Pozidriv with round blade 313 Order-No. 00768 PZ0 60 3,0 164 23 10 00770 PZ1 80 4,5 191 30 10 26454 PZ1 300 4,5 411 30 5 00772 PZ2 100 6,0 218 36 10 26455 PZ2 300 6,0 418 36 5 00774 PZ3 150 8,0 274 41 10 TORX® ball end with hexagonal blade 362BE Order-No. 32250 T9 60 7/64 2.8 164 23 10 32251 T10 60 1/8 3.2 184 23 10 32252 T15 80 9/64 3.6 191 30 10 32253 T20 80 5/32 4.0 211 30 10 32254 T25 100 3/16 4.8 218 36 10 32255 T27 115 7/32 5.6 233 36 10 32256 T30 115 1/4 6.4 233 36 10 TORX® MagicSpring® with round blade 362R Order-No. 27736 T6 60 3,5 164 23 10 27737 T7 60 3,5 164 23 10 27738 T8 60 3,5 164 23 10 27739 T9 60 4,0 171 30 10 27740 T10 80 4,0 191 30 10 27741 T15 80 4,0 191 30 10 27742 T20 100 4,0 218 36 10 27743 T25 100 4,5 218 36 10 27811 T27 115 5,5 233 36 10 27744 T30 115 6,0 233 36 10 27745 T40 130 7,0 254 41 10 With round blade for low-lying screws With round blade |
Número de pieza similar - 00708 |
|
Descripción similar - 00708 |