Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSD512B1 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza PSD512B1
Descripción Electrónicos  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 3Page - STMicroelectronics PSD512B1 Datasheet HTML 4Page - STMicroelectronics PSD512B1 Datasheet HTML 5Page - STMicroelectronics PSD512B1 Datasheet HTML 6Page - STMicroelectronics PSD512B1 Datasheet HTML 7Page - STMicroelectronics PSD512B1 Datasheet HTML 8Page - STMicroelectronics PSD512B1 Datasheet HTML 9Page - STMicroelectronics PSD512B1 Datasheet HTML 10Page - STMicroelectronics PSD512B1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 153 page
background image
PSD5XX Family
4
Key Features
(cont.)
t Programmable power management allows:
• SRAM, EPROM, and ZPLDs to enter standby mode automatically
• Disabling of the clock input to the ZPLDs
• ZPLDs to enter a special low power mode (Sleep Mode), based on Turbo bit setting
t A security bit prevents reading the PSD5XX configuration and the ZPLD contents.
Setting this bit will prevent the device from being copied on a device programmer.
t Built-in security enables the user to block read accesses from a device programmer
t Package choices include a 68-pin PLCC and CLDCC, and an 80-pin TQFP.
t Programmable polarity Reset output (includes hysteresis), based on Reset input
t Simple, menu-driven software (PSDsoft) allows configuration and design entry on a PC.
3.0
Notation
Throughout this data sheet, references are made to the PSD5XX. In most cases, these
references also cover the ZPSD5XX and ZPSD5XXV products. Exceptions will be noted.
The main difference between the ZPSD5XX and the PSD5XX is the standby current (Isb).
The ZPSD5XX devices have been rated for a lower standby current. Also, there is no
low-voltage version of the PSD5XX. There is only the low-voltage version of the ZPSD5XX,
which has a V suffix.
4.0
ZPSD
Background
Portable and battery powered systems have recently become major embedded control
application segments. As a result, the demand for electronic components having extremely
low power consumption has increased dramatically. Recognizing this need, WSI, Inc.
has developed a new Zero-Power technology. ZPSD products virtually eliminate the DC
component of power consumption reducing it to standby levels. Eliminating the DC
component is the basis for the words “Zero Power”. ZPSD products also minimize the
AC power component when the chip is changing states. The result is a programmable
microcontroller peripheral family that replaces discrete circuit functions while drawing
minimal power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More