Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EMPLUS-SERVER Datasheet(PDF) 33 Page - PANDUIT CORP.

No. de pieza EMPLUS-SERVER
Descripción Electrónicos  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-SERVER Datasheet(HTML) 33 Page - PANDUIT CORP.

Back Button EMPLUS-SERVER Datasheet HTML 28Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 29Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 30Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 31Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 32Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 33Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 34Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 35Page - PANDUIT CORP. EMPLUS-SERVER Datasheet HTML 36Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Contact Technical Support at 866.871.4571.
33
Easy-Mark Plus™ Labeling Software
CAD-Connect™ Labeling Software
• Powerful, easy-to-use, and affordable software that provides innovative
features and functionality to address unique labeling needs
• Quickly create simple or complex labels with text boxes, lines, frames,
or tables, and other useful tools
• Design detailed labels with multiple zones and objects for applications
such as rating plates, arc flash labels, and fiber optic enclosures
• Simple user interface shows labels on the screen as they will
be printed
• Create and print labels using QR codes, or any of the other 21 included
barcode symbologies
• Upgrades available at http://www.panduit.com/emp
System Requirements:
• 300 MB hard drive space and 2 GB Memory
• Windows XP, Vista, 7, 8, 8.1 or 10
• 32 or 64 bit operating systems
• Microsoft.NET Framework 2.0 or higher
• Mouse or compatible pointing device
• Keyboard
• Optical Disc Drive or USB Port
• Facilitates quick and easy organization of identifiers from CAD
for printing within Easy-Mark Plus™ Labeling Software
• Easily captures and organizes CAD data for future use
and documentation
• Saves time and reduces errors by utilizing identifiers
previously created in CAD files to eliminate manual entry of data
into labeling software
• Compatible with full versions of AutoCAD* 2002 to 2017 and Visio
version 2002 or newer
• Exports to alternative formats such as Excel^ (XLS) or Text (CSV)
files for future use and documentation
• Upgrades available at www.panduit.com
System Requirements:
• 64 MB hard drive space and 64 MB RAM
(256 MB RAM recommended)
• Windows 2000, XP, Vista, 7, 8, 8.1 or 10
• 32 or 64 bit operating systems
• Microsoft.NET Framework 2.0 or higher
• Mouse or compatible pointing device
• Keyboard
• Optical Disc Drive
^Visio, Windows and EXCEL are registered trademarks of Microsoft Corp. in the United States and/or other countries.
*AutoCAD is a registered trademark of Autodesk, Inc.
Part Number Color
Std
Pkg.
Qty
Std.
Ctn.
Qty.
PROG-CCCD CAD-Connect
™
Labeling Software, including Easy-Mark Plus™
Labeling Software, CD-ROM.
1
10
^Windows is a registered trademark of Microsoft Corp. in the United States and/or other countries.
Part Number
Description
Std
Pkg.
Qty
Std.
Ctn.
Qty.
EMPLUS-CD
Easy-Mark Plus™ Labeling Software, CD-ROM.
1
10
EMPLUS-DL
Easy-Mark Plus™ Labeling Software, online download.
EMPLUS-2GO
Easy-Mark Plus™ Portable Application, USB flash drive.
EMPLUS-SERVER
Easy-Mark Plus™ Labeling Software, networkable server
based version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com