Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EMPLUS-CD Datasheet(PDF) 25 Page - PANDUIT CORP.

No. de pieza EMPLUS-CD
Descripción Electrónicos  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Datasheet(HTML) 25 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 21Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 22Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 23Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 24Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 25Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 26Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 27Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 28Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 29Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Contact Technical Support at 866.871.4571.
25
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C025X025KBT
White
0.25
6.4
0.25
6.4
12
10000
C025X025KCT
Tan
C038X038KBT
White
0.38
9.7
0.38
9.7
7
C038X038KCT
Tan
C050X013KBT
White
0.50
12.7
0.13
3.3
5
C050X013KCT
Tan
C050X020KBT
White
0.20
5.1
C050X044KBT
0.44
11.2
C050X044KCT
Tan
C060X020KBT
White
0.60
15.3
0.20
5.1
3
C060X020KCT
Tan
C065X019KBT
White
0.65
16.5
0.19
4.8
C075X025KBT
0.75
19.1
0.25
6.4
C080X020KBT
0.80
20.3
0.20
5.1
C090X025KBT
0.90
22.9
0.25
6.4
C100X019KBT
1.00
25.4
0.19
4.8
C100X025KBT
0.25
6.4
C100X025KCT
Tan
C100X038KBT
White
0.38
9.7
C100X038KCT
Tan
C125X025KBT
White
1.25
31.8
0.25
6.4
2
C150X025KBT
1.50
38.1
5000
C160X020KBT
1.60
40.6
0.20
5.1
1
10000
C200X025KBT
2.00
50.8
0.25
6.4
5000
C200X038KBT
0.38
9.7
C300X025KBT
3.00
76.2
0.25
6.4
Polyimide Component Labels
• Ideal for electronic components and internal
circuitry applications
• Intended for applications requiring solvent and high-temperature
resistance performance, such as the wave solder process
• Use thermal transfer RMER4BL-C or RHER4BL-C resin ribbon on
white polyimide
• Use thermal transfer hybrid ribbon on tan polyimide
• Temperature range: -40°F to 350°F (-40°C to 177°C)
• UL969 recognized, File # MH14979; cUL recognized, C22.2
No. 0.15.01, File # MH14979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com