Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1590ZGRP233.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1590ZGRP233..
Descripción Electrónicos  Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590ZGRP233.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590ZGRP233.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590ZGRP233.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11/18/23, 3:48 PM
Type 4, 4X Glass Reinforced Polyester Enclosures (1590ZGRP Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1590zgrp
1/2
Internal mounting shelf
accepts inner panels or PC
boards.
Lid screws become captive
once installed in lid.
Wall-mounting holes are
located outside the gasket
perimeter.
Optional hinge kit, part
number 1427HK
Molded from tough
polyester
Includes 12 stianless
steel M4 screws & 8
o-rings.
Mounting template
included (refer to
instructions)
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series
Watertight, Thick Wall, NEMA 4X, IP66, UL Listed
Key Features:
Molded from a grey, glass reinforced polyester. Smooth finish.
Includes gasketed lid with two piece “tongue & groove” construction.
Heavy duty, thick wall design.
North American Mark of Safety - C UL & UL listed. Industrial Control Panel Enclosure
Certified to NEMA 4, 4X standards (UL 508A) - File #E65324 and IP66 Rated
Impact rating of IK08 per IEC62262
Lid contains self captivated stainless steel screws.
Gasket material is EPDM sponge rubber with temperature rating of -40 degrees C to
+120 degrees C (-40 degrees F to +248 degrees F).
Easy wall mounting via “through box - blind hole” construction, outside of the gasket
protection (see photos below).
Internal mounting shelf & bonding / mounting nuts molded in (see “open” photos or
drawings for more details).
Optional 16 gauge, galvanized steel inner panels available (see drawings for details and
part number listing below).
Photo Features
Accessories
Quality Products. Service Excellence.


Número de pieza similar - 1590ZGRP233..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1590ZGRP233 HAMMOND-1590ZGRP233 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
1590ZGRP233 HAMMOND-1590ZGRP233 Datasheet
242Kb / 3P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP65, UL Listed
1/10/2019
More results

Descripción similar - 1590ZGRP233..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PN-1321 ETC2-PN-1321 Datasheet
108Kb / 1P
NEMA 4X ENCLOSURE
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
NEMA 4X ENCLOSURE
logo
Hammond Manufacturing L...
PHW HAMMOND-PHW Datasheet
126Kb / 2P
Armoire murale en polyester de type 4X
PJPBLC HAMMOND-PJPBLC Datasheet
216Kb / 3P
Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
logo
List of Unclassifed Man...
AN-1317 ETC2-AN-1317 Datasheet
89Kb / 1P
NEMA 4X ENCLOSURE
logo
Hammond Manufacturing L...
PJWL HAMMOND-PJWL Datasheet
124Kb / 3P
Armoire murale en polyester de type 4X
logo
List of Unclassifed Man...
PN-1336 ETC2-PN-1336 Datasheet
120Kb / 1P
NEMA 4X ENCLSURE
PN-1331 ETC2-PN-1331 Datasheet
92Kb / 1P
NEMA 4X ENCLSURE
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
List of Unclassifed Man...
PN-1338 ETC2-PN-1338 Datasheet
120Kb / 1P
NEMA 4X ENCSURE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com