Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1590ZGRP234.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1590ZGRP234..
Descripción Electrónicos  FIBERGLASS ENCLOSURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590ZGRP234.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590ZGRP234.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOX - INSIDE
LID - INSIDE
INNER PANEL
SECTION C-C
SECTION A-A
SECTION B-B
SECTION D-D
1
4
1590ZGRP234PL
ACCESSORIES
STEEL INNER PANEL
FIBERGLASS ENCLOSURE
INCLUDES
ENCLOSURE
M6 x 28mm PAN HEAD SCREW S
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
C
C
A
A
B
B
D
D
STEEL INNER PANEL
SOLD SEPERATLY
1590ZGRP234
File #E65324
NEMA 4, 4X
250.80 mm
[9.874 in]
255.00 mm
[10.039 in]
235.97 mm
[9.290 in]
120.25 mm
[4.734 in]
103.00 mm
[4.055 in]
5.25 mm
[0.207 in]
108.75 mm
[4.281 in]
231.73 mm
[9.123 in]
236.50 mm
[9.311 in]
208.00 mm
[8.189 in]
238.00 mm
[9.370 in]
227.00 mm
[8.937 in]
232.00 mm
[9.134 in]
174.00 mm
[6.850 in]
212.86 mm
[8.380 in]
100.00 mm
[3.937 in]
200.00 mm
[7.874 in]
179.37 mm
[7.062 in]
227.00 mm
[8.937 in]
235.00 mm
[9.252 in]
1.00 mm X 45.0° Chamfer
n7.00 mm THRU 6X
M6x1 - 6H
v n6.40 mm x 2.50 mm 4X
n6.80 mm THRU
v n11.60 mm x 75.50 mm 4X
M6x1 - 6H 6X
LIP FOR CAPTIVE SCREW
STEEL INNER PANEL
(SOLD SEPERATLY)
235.97 mm
[9.290 in]
240.86 mm
[9.483 in]
25.25 mm
[0.994 in]
19.50 mm
[0.768 in]


Número de pieza similar - 1590ZGRP234..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1590ZGRP234 HAMMOND-1590ZGRP234 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
1590ZGRP234 HAMMOND-1590ZGRP234 Datasheet
242Kb / 3P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP65, UL Listed
1/10/2019
1590ZGRP234 HAMMOND-1590ZGRP234 Datasheet
345Kb / 2P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed
11/18/23, 3:48 PM
1590ZGRP234BK HAMMOND-1590ZGRP234BK Datasheet
136Kb / 2P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRPBK Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed
9/7/2021
More results

Descripción similar - 1590ZGRP234..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FG4060 ETC2-FG4060 Datasheet
86Kb / 2P
Fiberglass Omnidirectional Wireless Antennas
ANT-2.4-OM-CM-01-N ETC2-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
SP-1100ST ETC2-SP-1100ST Datasheet
387Kb / 2P
Fiberglass reinforced
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
Fiberglass enclosures
FG9023 LSTD-FG9023 Datasheet
1Mb / 1P
FIBERGLASS OMNIDIRECTIONAL ANTENNAS
logo
3M Electronics
08270 3M-08270 Datasheet
47Kb / 4P
SMC/ Fiberglass Repair Adhesive - 1
Jun-2014
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
logo
Maxtena Inc.
MEA-2700-WIFI MAXTENA-MEA-2700-WIFI Datasheet
1Mb / 4P
Omni Fiberglass Wi/Cellular Antenna
REV A
logo
T-Global Technology
TG-A3500F TGLOBAL-TG-A3500F Datasheet
472Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
TG-A4500F TGLOBAL-TG-A4500F Datasheet
475Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com