| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HCS32BQ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HCS32BQ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved |
|
4 / 14 page ![]() Nexperia 74HCS32 Quad 2-input OR gate with Schmitt-trigger inputs 9. Static characteristics Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). 25 °C -40 °C to +85 °C -40 °C to +125 °C Symbol Parameter Conditions Min Typ Max Min Max Min Max Unit see Fig. 4 and Fig. 5 VCC = 2.0 V 0.7 - 1.5 0.7 1.5 0.7 1.5 V VCC = 4.5 V 1.7 - 3.15 1.7 3.15 1.7 3.15 V VCC = 6 V 2.1 - 4.2 2.1 4.2 2.1 4.2 V VCC = 3.0 V to 3.6 V 0.4VCC - 0.7VCC 0.4VCC 0.7VCC 0.4VCC 0.7VCC V VT+ positive-going threshold voltage VCC = 4.5 V to 5.5 V 0.38VCC - 0.7VCC 0.38VCC 0.7VCC 0.38VCC 0.7VCC V see Fig. 4 and Fig. 5 VCC = 2.0 V 0.3 - 1.0 0.3 1.0 0.3 1.0 V VCC = 4.5 V 0.9 - 2.2 0.9 2.2 0.9 2.2 V VCC = 6 V 1.2 - 3.0 1.2 3.0 1.2 3.0 V VCC = 3.0 V to 3.6 V 0.2VCC - 0.5VCC 0.2VCC 0.5VCC 0.2VCC 0.5VCC V VT- negative- going threshold voltage VCC = 4.5 V to 5.5 V 0.2VCC - 0.49VCC 0.2VCC 0.49VCC 0.2VCC 0.49VCC V see Fig. 4 and Fig. 5 VCC = 2.0 V 0.2 0.52 1.0 0.2 1.0 0.2 1.0 V VCC = 4.5 V 0.4 0.85 1.4 0.4 1.4 0.4 1.4 V VCC = 6 V 0.6 1.1 1.6 0.6 1.6 0.6 1.6 V VCC = 3.0 V to 3.6 V 0.1VCC 0.72 0.38VCC 0.1VCC 0.38VCC 0.1VCC 0.38VCC V VH hysteresis voltage[1] VCC = 4.5 V to 5.5 V 0.09VCC 0.94 0.29VCC 0.09VCC 0.29VCC 0.09VCC 0.29VCC V VI = VIH or VIL IOH = -20 μA; VCC = 2.0 V to 6 V VCC-0.1 VCC-0.002 - VCC-0.1 - VCC-0.1 - V IOH = -4 mA; VCC = 3.0 V 2.7 2.85 - 2.7 - 2.7 - V IOH = -6 mA; VCC = 4.5 V 4.0 4.3 - 4.0 - 4.0 - V VOH HIGH-level output voltage IOH = -7.8 mA; VCC = 6.0 V 5.48 5.75 - 5.4 - 5.4 - V VI = VIH or VIL IOL = 20 μA; VCC = 2.0 V to 6 V - 0.002 0.1 - 0.1 - 0.1 V IOL = 4 mA; VCC = 3.0 V - 0.14 0.25 - 0.25 - 0.25 V IOL = 6 mA; VCC = 4.5 V - 0.18 0.26 - 0.30 - 0.30 V VOL LOW-level output voltage IOL = 7.8 mA; VCC = 6.0 V - 0.22 0.26 - 0.33 - 0.33 V II input leakage current VI = VCC or GND; VCC = 6.0 V - ±0.01 ±0.1 - ±0.25 - ±1.0 μA ICC supply current VI = VCC or GND; IO = 0 A; VCC = 6.0 V - 0.1 - - 0.5 - 2.0 μA [1] Guaranteed by design. 74HCS32 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2025. All rights reserved Product data sheet Rev. 1 — 27 June 2025 4 / 14 |