Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1590NFL.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1590NFL..
Descripción Electrónicos  Na tura l Finish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590NFL.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590NFL.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DETAIL D
Top View - Interior Features
SECTION C-C
Side View of Slot
Na tu ra l F inish En closu re
1590NF L
Bla ck T e x tu re d En clo su re
1590NF LB K
Na tu ra l F inish En closu re
1590W NF L
Bla ck T e x tu re d En clo su re
1590W NF LB K
S ta in le ss S te e l Co ve r S cre w s (P kg 100)
[M 3.5 x 12m m , W ith O -Rin g ]
1550W M S 100
Bla ck S ta in le ss S te e l Co ve r S cre w s (P kg 100)
[M 3.5 x 12m m , W ith O -Rin g ]
1550W M S 100B K
P la te d Co ve r S cre w s (P kg 100)
[M 3.5 x 12m m ]
1550M S 100
Bla ck Co ve r S cre w s (P kg 100)
[M 3.5 x 12m m ]
1550M S 100B K
ACCES S O RIES
R e comme nde d T orque : 75 oz f.in / 55 cN .m
Standard C ov e r Scre ws
Liquid R e sistant C ov e r S cre ws
NO T E
P urc has ed as s em bly inc ludes box , lid and 4 c over s c rews .
B ox and lid are m ade from Diec as t A lum inum A lloy .
S ilic one G as k et s upplied with liquid res is tant enc los ure.
P ART NUM BE R S
1590NF L En clo su re
1590NFL Liqu id Re sista n t En closure (S ilico n e G a ske t)
1
1
2
2
A
A
B
B
A
A
B
B
D
C
C
1590NFL
Dimensions:
mm
[inches]
Top View of Assembly
SECTION A-A
End View of Assembly
Top View Looking Inside Box
SECTION B-B
Side View of Assembly
Flanged Lid
60.21
[2.371]
(Max PCB Width)
34.10
[1.343]
(Inner Wall Height)
35.35
[1.392]
(Inner Box Height)
115.91
[4.564]
(Max PCB Length)
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
55.50
[2.185]
149.50
[5.886]
110.00
[4.331]
65.50
[2.579]
Flanged Lid
40.00
[1.575]
Flanged Lid
Box
Cover Screw
Flanged Lid
Box
32.00
[1.260]
87.18
[3.432]
104.10
[4.098]
113.11
[4.453]
(Length Between
Guides)
57.21
[2.252]
(Width Between
Guides)
M3.5x0.6
 4.00  .50
(Threaded Holes)
49.00
[1.929]
3.0
[.118]
(Guide Width)
1.50
[.059]
(Slot Depth)
4.00
[.158]
2.0
[.079]
(Slot Width)
1.60
[.063]
99.5°
16.70
[.657]
135.60
[5.339]
38.50
[1.516]
(Center
Distance)
4.50
[.177]
11.50
[.453]
9.70
[.382]
3.90
[.154]
57.60
[2.268]
113.10
[4.453]
1.67
[.066]
5.50
[.217]
1.50
[.059]
121.20
[4.772]
2.50
[.098]
1.75
[.069]
(Wall Thickness)


Número de pieza similar - 1590NFL..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1590NFL ETC2-1590NFL Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
logo
Hammond Manufacturing L...
1590NFL HAMMOND-1590NFL Datasheet
191Kb / 2P
Diecast Aluminum Enclosures 1590-RIBBED Series With Internal Ribs
12/31/2018
1590NFLBK HAMMOND-1590NFLBK Datasheet
191Kb / 2P
Diecast Aluminum Enclosures 1590-RIBBED Series With Internal Ribs
12/31/2018
More results

Descripción similar - 1590NFL..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
AX93300 AXIOMTEK-AX93300 Datasheet
107Kb / 1P
Suitable for NA-100
logo
List of Unclassifed Man...
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Hammond Manufacturing L...
DNMF100AC230 HAMMOND-DNMF100AC230 Datasheet
210Kb / 1P
Finish - Housing - Black Painted Aluminum
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0503H CUI-HSS-B20-0503H Datasheet
329Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com