Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B25680B1237K101 Datasheet(PDF) 6 Page - EPCOS

No. de pieza B25680B1237K101
Descripción Electrónicos  Film Capacitors - Power Electronic Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B25680B1237K101 Datasheet(HTML) 6 Page - EPCOS

Back Button B25680B1237K101 Datasheet HTML 2Page - EPCOS B25680B1237K101 Datasheet HTML 3Page - EPCOS B25680B1237K101 Datasheet HTML 4Page - EPCOS B25680B1237K101 Datasheet HTML 5Page - EPCOS B25680B1237K101 Datasheet HTML 6Page - EPCOS B25680B1237K101 Datasheet HTML 7Page - EPCOS B25680B1237K101 Datasheet HTML 8Page - EPCOS B25680B1237K101 Datasheet HTML 9Page - EPCOS B25680B1237K101 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Film Capacitors - Power Electronic Capacitors
B25680*
PEC MKP DC
MKP DC (Metal Top)
CAP PW PD
April 2022
Please read Cautions and warnings and
Page 6 of 27
Important notes at the end of this document.
Figure 4: - B25680C - Ø 116 mm
Figure 3: - B25680B - Ø 116 mm
- Female terminals (M6)
- Female terminals (M6)
- Between terminals 50 ±0.5 mm
- Between terminals 50 ±0.5 mm
M12 stud on bottom of the aluminum case, nut(DIN 934)and toothed lock washer(DIN 6797)for fixing are
standard for all types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com