Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC1791 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

No. de pieza SC1791
Descripción Electrónicos  Raspberry Pi AI HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Página de inicio  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1791 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1791 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi AI HAT+ – Raspberry Pi Ltd
Physical specification
2.55
14.5
16.5
Note:
All dimensions in mm
All dimensions are approximate and for
reference purposes only. The dimensions
shown should not be used for producing
production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change
47.5
7.5
10
49
16
56.5
17.5
21
3.5
3.5
18
65
58
29
5
17
17
WARNINGS
•
The Raspberry Pi AI HAT+ shall only be connected to a Raspberry Pi via the PCIe interface and GPIO header.
•
This product should be operated in a well-ventilated environment, and if used inside a case, the case should not be
covered.
•
Whilst in use, this product should be firmly secured, and should not be contacted by conductive items.
•
All peripherals used with this product should comply with relevant standards for the country of use and be marked
accordingly to ensure that safety and performance requirements are met.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
•
Operation of this device requires adult supervision.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; Raspberry Pi computers and the Raspberry Pi AI HAT+ are designed for
reliable operation at normal ambient temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
Whilst it is powered, avoid handling the printed circuit board, or only handle it by the corners to minimise the risk of
electrostatic discharge damage.



Html Pages

1 2 3 4 5 6