Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC1771 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

No. de pieza SC1771
Descripción Electrónicos  Raspberry Pi M.2 HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Página de inicio  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1771 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC1771 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi M.2 HAT+ – Raspberry Pi Ltd
WARNINGS
•
This product shall only be connected to a Raspberry Pi via the PCIe interface.
•
Any external power supply used with the Raspberry Pi M.2 HAT+ shall comply with relevant regulations and standards
applicable in the country of intended use.
•
This product should be operated in a well-ventilated environment, and if used inside a case, the case should not be
covered.
•
Whilst in use, this product should be firmly secured, and should not be contacted by conductive items.
•
The connection of incompatible devices to the Raspberry Pi M.2 HAT+ may affect compliance, result in damage to the
unit, and invalidate the warranty.
•
The connection of incompatible devices to the PCIe interface of a Raspberry Pi computer may affect compliance and
result in damage to the unit and invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use and be marked
accordingly to ensure that safety and performance requirements are met.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
•
Operation of this device requires adult supervision.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; Raspberry Pi computers and the Raspberry Pi M.2 HAT+ are designed for
reliable operation at normal ambient temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
Whilst it is powered, avoid handling the printed circuit board, or only handle it by the corners to minimise the risk of
electrostatic discharge damage.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com