Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC1753 Datasheet(PDF) 6 Page - Raspberry Pi Holdings PLC

No. de pieza SC1753
Descripción Electrónicos  Raspberry Pi IO Case
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Página de inicio  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1753 Datasheet(HTML) 6 Page - Raspberry Pi Holdings PLC

  SC1753 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 6Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 7Page - Raspberry Pi Holdings PLC SC1753 Datasheet HTML 8Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Physical specification
WARNINGS
• This product should only be used with Raspberry Pi Compute Module 5, Compute Module 5 IO Board, and first-party
accessories such as the Antenna Kit and Camera Modules.
•
This product should be operated in a well-ventilated environment and should not be covered.
•
Make sure the metal case does not touch any electronic components on Compute Module 5 or any accessories, to
avoid the risk of unwanted electrical contact and shorting.
•
Ensure the screws are undamaged and can screw in securely before use. Discontinue use of the case and replace the
screws if they are damaged or deformed, or if they do not screw in securely.
•
Take care when using the case, as the metal parts of the product may become hot during operation.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; the Raspberry Pi IO Case is designed for reliable operation at normal ambient
temperatures.
•
Take care while handling to avoid mechanical or electrical damage to the fan and connectors.
•
Avoid touching or handling the fan while it is powered.
SSD
Power In
STATUS
Power
HDMI0
HDMI1
94
170
28
Note:
All dimensions in mm
All dimensions are approximate and for reference
purposes only. The dimensions shown should not
be used for producing production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change
41
56
33
4 × M2.5
10
2.7
48
Note:
All dimensions in mm
All dimensions are approximate and for
reference purposes only. The dimensions
shown should not be used for producing
production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change
Raspberry Pi IO Case for Raspberry Pi Compute Module 5 – Raspberry Pi Ltd
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com