Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EMPLUS-CD Datasheet(PDF) 9 Page - PANDUIT CORP.

No. de pieza EMPLUS-CD
Descripción Electrónicos  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 10Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 11Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 12Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 13Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.panduit.com
9
Outdoor Durability
A reliable labeling solution for outdoor use is vital to customers in industries
such as solar energy and utilities. Standard label materials are not designed
to withstand the extreme exposure to UV light, moisture, and temperature
fluctuations of an outdoor application. Panduit has many years of experience
in designing, testing, and manufacturing labels and markers with special
properties specifically for outdoor use. For example, Panduit raised panel
labels are designed to last through 20 years of outdoor exposure and are
verified and tested for weather resistance and for use in demanding solar
applications. Panduit also provides over-laminate materials to extend the
life of printed labels outdoors.
Marker
Plate-Std
[GMH2]
Marker
Plate -
High Temp
[GMNT]
Marker
Plate -
Stainless
Steel
Raised
Panel
Labels
[GMH3-A]
[GMH3-W]
Super Tack
Polyester
Label/Tape
[GMY4-HT]
Continuous
Vinyl Tape
[GMV14]
Heat Shrink
Labels - Mil
Grade
[GMUHS31]
UV Durability Years
0
5
10
15
20
25
30
Fire Safety Properties
In some applications, fire safety is a critical concern. For these environments,
identification labels and markers with low-smoke emissions and no
halogens are required. Panduit Halogen-Free, Heat Shrink Labels meet
the strict requirements of BS6853; 1999 Vehicle Category 1a for burning
behavior and toxic gas emissions. Additionally, Panduit flame-retardant,
halogen-free marker plates meet UL Standard 224 with a VW-1 rating
for flammability and AMS-DTL-23053/5C (Class 1 and Class 3). These
properties are particularly important to industries such as rail transit,
shipbuilding, and industrial construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com