Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1860 Datasheet(PDF) 10 Page - Linear Technology

No. de pieza LTC1860
Descripción Electrónicos  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1860 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1860 Datasheet HTML 4Page - Linear Technology LTC1860 Datasheet HTML 5Page - Linear Technology LTC1860 Datasheet HTML 6Page - Linear Technology LTC1860 Datasheet HTML 7Page - Linear Technology LTC1860 Datasheet HTML 8Page - Linear Technology LTC1860 Datasheet HTML 9Page - Linear Technology LTC1860 Datasheet HTML 10Page - Linear Technology LTC1860 Datasheet HTML 11Page - Linear Technology LTC1860 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1860/LTC1861
18601f
Figure 4. LTC1861 Operating Sequence
MUX ADDRESS
Table 1. Multiplexer Channel Selection
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
1
+
+
GND
186465 TBL1
SINGLE-ENDED
MUX MODE
DIFFERENTIAL
MUX MODE
CONV
SDI
SCK
12
11
10
9
8
7
6
5
4
3
2
1
SDO
B11 B10
B8B6
B4B2
B0*
Hi-Z
B9
B7
B5
B3
B1
S/D O/S
DON’T CARE
DON’T CARE
tCONV
1860 F04
SLEEP MODE
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER SCK CLOCKS ARE
APPLIED WITH CONV LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY
Hi-Z
tSMPL
Figure 5. LTC1861 Transfer Curve
VIN*
*VIN = (SELECTED “+” CHANNEL) –
(SELECTED “–” CHANNEL)
REFER TO TABLE 1
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
1860 F05
APPLICATIO S I FOR ATIO
GENERAL ANALOG CONSIDERATIONS
Grounding
The LTC1860/LTC1861 should be used with an analog
ground plane and single point grounding techniques. Do
not use wire wrapping techniques to breadboard and
evaluate the device. To achieve the optimum performance,
use a printed circuit board. The ground pins (AGND and
DGND for the LTC1861 MSOP package and GND for the
LTC1860 and LTC1861 SO-8 package) should be tied
directly to the analog ground plane with minimum lead
length.
Bypassing
For good performance, the VCC and VREF pins must be free
of noise and ripple. Any changes in the VCC/VREF voltage
with respect to ground during the conversion cycle can
induce errors or noise in the output code. Bypass the VCC
and VREF pins directly to the analog ground plane with a
minimum of 1
µF tantalum. Keep the bypass capacitor
leads as short as possible.
Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1860/
LTC1861 have capacitive switching input current spikes.
These current spikes settle quickly and do not cause a
problem if source resistances are less than 200
Ω or high
speed op amps are used (e.g., the LT
®1211, LT1469,
LT1807, LT1810, LT1630, LT1226 or LT1215). But if large
source resistances are used, or if slow settling op amps
drive the inputs, take care to ensure the transients caused
by the current spikes settle completely before the conver-
sion begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com