Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1550Z109.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1550Z109..
Descripción Electrónicos  Purchased assembly includes enclosure, M4x20 lid screws and Pre-formed Silicone Gasket Cover screws should be torqued to 5-7.5 lbf.in (50-75 cN.m)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1550Z109.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1550Z109.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY
Top View Looking Inside Box
View Looking Inside Lid
SECTION B-B
Side View of Assembly
SECTION A-A
End View of Assembly
1550Z109
1550Z109BK
Natural Finish Enclosure
Black Textured Enclosure
Purchased assembly includes enclosure, M4x20 lid screws and
Pre-formed Silicone Gasket
NOTES
Cover screws should be torqued to 5-7.5 lbf.in (50-75 cN.m)
1550Z109
PART NUMBERS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
BB
A
A
1550Z109
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
5.913 in
[150.20 mm]
2.528 in
[64.20 mm]
5.433 in
[138.00 mm]
2.047 in
[52.00 mm]
1.197 in
[30.40 mm]
(Inner Box Height)
5.575 in
[141.61 mm]
(Inner Box Length)
0.150 in
[3.81 mm]
(Wall Thickness)
0.153 in
[3.88 mm]
2.222 in
[56.45 mm]
5.608 in
[142.45 mm]
0.153 in
[3.88 mm]
0.781 in
[19.83 mm]
1.271 in
[32.30 mm]
0.475 in
[12.08 mm]
4.953 in
[125.80 mm]
0.215 in
[5.45 mm]
2.098 in
[53.29 mm]
0.547 in
[13.90 mm]
4.828 in
[122.64 mm]
1.147 in
[29.14 mm]
0.538 in
[13.65 mm]
0.215 in
[5.45 mm]
5.484 in
[139.29 mm]
1.433 in
[36.40 mm]
0.402 in
[10.20 mm]
2.189 in
[55.61 mm]
(Inner Box Width)
0.394 in
[10.00 mm]
5.276 in
[134.00 mm]
1.260 in
[32.00 mm]
File #E71073
NEMA 4, 4X
INTERNAL SHELF ACCEPTS
#6 SELF TAPPING SCREW


Número de pieza similar - 1550Z109..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1550Z109F HAMMOND-1550Z109F Datasheet
359Kb / 3P
Watertight Diecast Aluminum Enclosures w/ Flanges
10/3/24, 5:02 PM
1550Z109FBK HAMMOND-1550Z109FBK Datasheet
359Kb / 3P
Watertight Diecast Aluminum Enclosures w/ Flanges
10/3/24, 5:02 PM
1550Z109GASKET HAMMOND-1550Z109GASKET Datasheet
359Kb / 3P
Watertight Diecast Aluminum Enclosures w/ Flanges
10/3/24, 5:02 PM
More results

Descripción similar - 1550Z109..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
1551WHFL HAMMOND-1551WHFL Datasheet
404Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WH HAMMOND-1551WH Datasheet
416Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WK HAMMOND-1551WK Datasheet
384Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WKFL HAMMOND-1551WKFL Datasheet
407Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WT HAMMOND-1551WT Datasheet
383Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WTFL HAMMOND-1551WTFL Datasheet
385Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WX HAMMOND-1551WX Datasheet
332Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com