Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C01250618 Datasheet(PDF) 14 Page - Norgren Ltd

No. de pieza C01250618
Descripción Electrónicos  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NORGREN [Norgren Ltd]
Página de inicio  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250618 Datasheet(HTML) 14 Page - Norgren Ltd

Back Button C01250618 Datasheet HTML 9Page - Norgren Ltd C01250618 Datasheet HTML 10Page - Norgren Ltd C01250618 Datasheet HTML 11Page - Norgren Ltd C01250618 Datasheet HTML 12Page - Norgren Ltd C01250618 Datasheet HTML 13Page - Norgren Ltd C01250618 Datasheet HTML 14Page - Norgren Ltd C01250618 Datasheet HTML 15Page - Norgren Ltd C01250618 Datasheet HTML 16Page - Norgren Ltd C01250618 Datasheet HTML 17Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
02/04
N/UK 9.1.001.014
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
C0288
Swivel Y Adaptor
4
M5
35,0
4,5
17,0
9,5
10,5
21,0
10
C02880405
4
M6
35,0
4,5
17,0
9,5
10,5
21,0
10
C02880406
4
G1/8
41,0
6,0
17,0
9,5
10,5
21,0
14
C02880418
4
G1/4
43,0
8,0
17,0
9,5
10,5
21,0
17
C02880428
4
G3/8
43,0
8,0
17,0
9,5
10,5
21,0
20
C02880438
6
M5
41,5
4,5
17,5
12,0
12,5
25,0
12
C02880605
6
M6
41,5
4,5
17,5
12,0
12,5
25,0
12
C02880606
6
G1/8
42,5
6,0
17,5
12,0
12,5
25,0
14
C02880618
6
G1/4
44,5
8,0
17,5
12,0
12,5
25,0
17
C02880628
6
G3/8
45,5
9,0
17,5
12,0
12,5
25,0
20
C02880638
6
G1/2
46,5
10,0
17,5
12,0
12,5
25,0
24
C02880648
8
G1/8
43,5
6,0
18,5
14,0
14,5
29,0
14
C02880818
8
G1/4
45,5
8,0
18,5
14,0
14,5
29,0
17
C02880828
8
G3/8
46,5
9,0
18,5
14,0
14,5
29,0
20
C02880838
8
G1/2
47,5
10,0,
18,5
14,0
14,5
29,0
24
C02880848
10
G1/8
49,5
6,0
19,5
16,5
17,5
35,0
17
C02881018
10
G1/4
51,5
8,0
19,5
16,5
17,5
35,0
17
C02881028
10
G3/8
52,5
9,0
19,5
16,5
17,5
35,0
20
C02881038
10
G1/2
53,5
10,0
19,5
16,5
17,5
35,0
24
C02881048
12
G1/4
55,0
8,0
22,0
19,0
20,5
41,0
19
C02881228
12
G3/8
56,0
9,0
22,0
19,0
20,5
41,0
20
C02881238
12
G1/2
57,0
10,0
22,0
19,0
20,5
41,0
24
C02881248
B
N
L
ø K
ø A
Ø A
B
C
G
G1
Ø K
L
N
Typ
Ø A
Ø A
C
F
G
Ø K
L
N
Typ
N
L
ø K
ø A
ø A
C0084
Stem Y
(Equal)
4
4
49,5
22,0
17,0
9,5
10,5
21,0
C00840400
6
6
54,5
24,0
17,5
12,0
12,5
25,0
C00840600
8
8
60,0
26,0
18,5
14,0
14,5
29,0
C00840800
10
10
66,0
28,0
20,0
16,5
17,5
35,0
C00841000
12
12
71,5
30,0
22,0
19,0
20,5
41,0
C00841200
N
L
ø K
ø A
ø A 1
C0084
Stem Y
(Unequal)
Ø A
Ø A1
C
F
G
Ø K
L
N
Typ
4
6
51,5
24,0
17,5
9,5
10,5
21,0
C00840604
6
8
56,5
26,0
18,5
12,0
12,5
25,0
C00840806
8
10
62,0
28,0
20,0
14,0
14,5
29,0
C00841008
10
12
68,0
30,0
22,0
16,5
17,5
35,0
C00841210
Ø A
C
C1
Ø D
E
G
H
Ø K
Typ
O
C
E
E
G
C0090
Union Cross
4
36,5
38,0
3,3
6,5
17,0
6,5
9,5
C00900400
6
42,0
42,5
4,3
7,5
17,5
7,5
12,0
C00900600
8
45,0
47,0
4,3
9,0
18,5
9,0
14,0
C00900800
10
48,0
50,5
4,3
10,0
19,5
10,0
16,5
C00901000
12
55,0
57,0
4,3
12,0
22,0
12,0
19,0
C00901200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17