Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1444-8.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1444-8..
Descripción Electrónicos  Aluminum Chassis 1444 Series Aluminum Body, Walnut Side Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1444-8.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1444-8.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1444-8.. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1444-8.. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7/19/2018
Aluminum Chassis (1444 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/chassis/1444
1/3
Standard version shown inside and out.
Six sizes available with walnut sides.
Optional bottom panels available for all sizes.
Protective covering on aluminum is perfect as
Aluminum Chassis 1444 Series
Aluminum Body, Walnut Side Option
Key Features
Spot welded - heavy duty construction chassis.
Natural aluminum finish (as shown above) - also available in painted steel with walnut
side panels).
Side panels are made from solid walnut and routed out to fit over ends of chassis (pre-
punched for easy mounting).
Walnut side panels attach with four machine screws & lockwashers (included) into metal
inserts to avoid wood damage. Screws should not be torqued past 4.43 lbf.in ( 50 cN.m).
Usable surface of chassis front, back and top are reduced by roughly 7/8” (22 mm) due to
inset in walnut sides.
Optional bottom plates are punched with 4 holes – 3/16” diameter.
Bottom plate hardware not provided, please order separately - Part number 1421J6 (Pkg.
of 6, 6-32 Philips head screws).
NOTE: our steel chassis covers (1451 series) are NOT compatible with this series.
Photo Features
Quality Products. Service Excellence.


Número de pieza similar - 1444-8..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1444-8 HAMMOND-1444-8 Datasheet
102Kb / 1P
Aluminum Chassis (1444 & 1434 Series)
1444-8 HAMMOND-1444-8 Datasheet
532Kb / 5P
Aluminum Chassis & Bottom Plates (1444 & 1434 Series)
4/12/13
1444-84515 HAMMOND-1444-84515 Datasheet
532Kb / 5P
Aluminum Chassis & Bottom Plates (1444 & 1434 Series)
4/12/13
1444-862 HAMMOND-1444-862 Datasheet
532Kb / 5P
Aluminum Chassis & Bottom Plates (1444 & 1434 Series)
4/12/13
More results

Descripción similar - 1444-8..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ralston Instruments.
DP0V-0005 RALSTON-DP0V-0005 Datasheet
284Kb / 1P
DP0V pump body, aluminum
logo
Hammond Manufacturing L...
1411DU HAMMOND-1411DU Datasheet
137Kb / 1P
12GVUGE NATURAL ALUMINUM BODY 1411DU ASA61 GREY POWDER PAINTED ALUMINUM BODY
1434-16 HAMMOND-1434-16 Datasheet
102Kb / 1P
Aluminum Chassis (1444 & 1434 Series)
logo
List of Unclassifed Man...
AC-407 ETC2-AC-407 Datasheet
109Kb / 1P
ALUMINUM CHASSIS
logo
Ralston Instruments.
DPPV-0005 RALSTON-DPPV-0005 Datasheet
284Kb / 1P
DPPV pump body, aluminum
logo
Hammond Manufacturing L...
HW1710BKPL HAMMOND-HW1710BKPL Datasheet
238Kb / 2P
Real Walnut Chassis w/ Aluminum Top
1/8/22
logo
Stackpole Electronics, ...
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
Taiyo Yuden (U.S.A.), I...
RCHV1271M1EEH0002 TAIYO-YUDEN-RCHV1271M1EEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1271M1GFH0002X TAIYO-YUDEN-RCHV1271M1GFH0002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHV1271M1TFF7002 TAIYO-YUDEN-RCHV1271M1TFF7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com