Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1456KE3BKBK. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1456KE3BKBK.
Descripción Electrónicos  Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge aluminum (.064").
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456KE3BKBK. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456KE3BKBK. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Beige Top / Blue Case
1456KE3WHBU
Black Top / Blue Case
1456KE3BKBU
Black Top / Black Case
1456KE3BKBK
Natural Finish Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6
Black Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6BK
Rubber Feet [0.5 x 0.5" Self‐adhesive] (Pkg 24) 
1421T3
NOTE
1456
Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet.
Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge
aluminum (.064").
Recommended screw torque 150-175 cN-m (13.3-15.5 lbf-in)
1456KE3 Regular Enclosure
ACCESSORIES
TOP PANEL - BOTTOM ENCLOSURE
ENCLOSURE CASE - BOTTOM VIEW
DETAIL A
SECTION B-B
1456KE3
Dimensions:
mm
[inches]
www.hammondmfg.com
®
A
B
B
2.79
[.11]
8X
4.80
[.19]
4X
14.29
[.56]
242.57
[9.55]
233.38
[9.19]
190.50
[7.50]
128.60
[5.06]
122.56
[4.83]
119.05
[4.69]
139.70
[5.50]
4.34
[.17]
4X
25.40
[1.00]
18.19
[.72]
258.62
[10.18]
233.35
[9.19]
128.57
[5.06]
146.05
[5.75]
6.35
[.25]
3.18
[.13]
22.23
[.88]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
81.43
[3.21]
76.20
[3.00]
94.46
[3.72]
111.13
[4.38]
136.45
[5.37]
26.25
[1.03]
34.24
[1.35]
29.28
[1.15]
146.05
[5.75]
72.95
[2.87]
57.98
[2.28]
61.14
[2.41]
97.56
[3.84]
30.0°
15.88
[.63]
46.81
[1.84]
81.43
[3.21]
257.18
[10.13]
1.63
[.06]
254.51
[10.02]
254.00
[10.00]
2.06
[.08]


Número de pieza similar - 1456KE3BKBK.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1456KE3BKBK HAMMOND-1456KE3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456KE3BKBK HAMMOND-1456KE3BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
More results

Descripción similar - 1456KE3BKBK.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com