Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1456KK4WHCWW.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 1456KK4WHCWW..
Descripción Electrónicos  Case Includes Wooden Sides, Adhesive Rubber Feet and Required Hardware.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456KK4WHCWW.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456KK4WHCWW.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View of Assembly
SECTION A-A
Side View of Assembly
Side View of Top Panel
DETAIL B
Top View of Case
Beige Top and Black Case
1456KK4WHCWW
Plated Cover Screws (Pkg 6)
[6-32 x 1/4" Self-Tapping Screws]
1421J6
Black Self-Adhesive Rubber Feet (Pkg 24)
1421T3
NOTE
Case Includes Wooden Sides, Adhesive Rubber Feet and 
Required Hardware.
Enclosure Case is Made of 0.057" Steel.
Top Panel is Made of 0.064" Aluminum.
PART NUMBERS
1456KK4WHCWW Enclosure
ACCESSORIES
1456KK4CWW
Note
Dimensions:
mm
[inches]
A
A
B
B
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
266.29
[10.48]
12.70
[.50]
279.91
[11.02]
109.55
[4.31]
99.97
[3.94]
(Inside Box Height)
6.10
[.24]
30.0°
36.10
[1.42]
25.54
[1.01]
(Inner Box Height)
132.70
[5.22]
145.93
[5.75]
12.66
[.50]
256.69
[10.11]
(Inner Box Length)
101.60
[4.00]
29.57
[1.16]
251.61
[9.91]
254.00
[10.00]
6.35
[.25]
TYP
3.18
[.13]
TYP
22.23
[.88]
TYP
7.16
[.28]
15.88
[.63]
4.98
[.20]
190.20
[7.49]
250.42
[9.86]
239.29
[9.42]
14.68
[.58]
25.40
[1.00]
1.63
[.064]
199.62
[7.86]
225.02
[8.86]
1.45
[.057]
133.46
[5.25]
148.46
[5.84]


Número de pieza similar - 1456KK4WHCWW..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1456KK4WHBU HAMMOND-1456KK4WHBU Datasheet
222Kb / 1P
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KK4WHBU HAMMOND-1456KK4WHBU Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456KK4WHBU HAMMOND-1456KK4WHBU Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
1456KK4WHBU HAMMOND-1456KK4WHBU Datasheet
228Kb / 2P
Sloped Aluminum Consoles 1456 Series
7/3/2018
More results

Descripción similar - 1456KK4WHCWW..

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1455B802 HAMMOND-1455B802 Datasheet
220Kb / 1P
Purchased assembly includes box, plastic bezels, 6 Taptight screws and self adhesive rubber feet
1455L1201 HAMMOND-1455L1201 Datasheet
277Kb / 1P
Purchased assembly includes box, plastic bezels, end panels, 6 Taptight screws and self adhesive rubber feet
1457C801 HAMMOND-1457C801 Datasheet
915Kb / 1P
Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
1598A HAMMOND-1598A Datasheet
365Kb / 1P
Purchased Assembly includes top and bottom cover, front and aluminum panels alloy 5052-H32, SPV coating on one side, 2 cover screws, and 4 rubber feet
logo
CUI INC
PJ-005A CUI-PJ-005A Datasheet
86Kb / 2P
mounting hardware includes nut and washer panel mount
logo
Molex Electronics Ltd.
130186-0052 MOLEX11-130186-0052 Datasheet
32Kb / 1P
Work Center Base with Manifold, Rubber Feet and Dolly Wheels
logo
3M Electronics
847 3M-847 Datasheet
310Kb / 4P
Nitrile High Performance Rubber & Gasket Adhesive
May-2019
847H 3M-847H Datasheet
310Kb / 4P
3M™ Nitrile High Performance Rubber & Gasket Adhesive
May-2019
EC-4419 3M-EC-4419 Datasheet
38Kb / 4P
3M Scotch-GripTM Fire Resistant Rubber Based Adhesive
logo
Hammond Manufacturing L...
1456CE2CWW HAMMOND-1456CE2CWW Datasheet
258Kb / 1P
Case Includes Wooden Sides, Adhesive Rubber Feet and Required Hardware.
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com