Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H/MAGNET-K-1.5M-SP Datasheet(PDF) 2 Page - Labfacility Ltd

No. de pieza H/MAGNET-K-1.5M-SP
Descripción Electrónicos  11.8kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LABFACILITY [Labfacility Ltd]
Página de inicio  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

H/MAGNET-K-1.5M-SP Datasheet(HTML) 2 Page - Labfacility Ltd

  H/MAGNET-K-1.5M-SP Datasheet HTML 1Page - Labfacility Ltd H/MAGNET-K-1.5M-SP Datasheet HTML 2Page - Labfacility Ltd H/MAGNET-K-1.5M-SP Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-53
Nov-23
Specifications
General Description
11.8kg Pull Power (Horseshoe) Magnet Thermocouple
Sensor Type
Magnet Thermocouple
Thermocouple Type
Type K
Magnet
45 x 30 x 30mm (L x H x W) - Max pull: 11.8 KG
Cable Length
1.5M or 3.0M
Cable Type
PFA Insulated Cable with Stainless Steel Over-Braid
Core / Strands
7/0.2mm
Cable Termination
Miniature or Standard Plug
Max. Temperature
250°C
Min. Temperature
-50°C
Standards Met
IEC
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1.5m
Miniature Plug
H/MAGNET-K-1.5M-MP (11.8kg Pull)
4156069
K
3m
Miniature Plug
H/MAGNET-K-3M-MP (11.8kg Pull)
4156070
K
1.5m
Standard Plug
H/MAGNET-K-1.5M-SP (11.8kg Pull)
4156071
K
3m
Standard Plug
H/MAGNET-K-3M-SP (11.8kg Pull)
4156072



Html Pages

1 2 3