Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD4100 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza SD4100
Descripción Electrónicos  RF POWER TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4100 Datasheet(HTML) 3 Page - STMicroelectronics

  SD4100 Datasheet HTML 1Page - STMicroelectronics SD4100 Datasheet HTML 2Page - STMicroelectronics SD4100 Datasheet HTML 3Page - STMicroelectronics SD4100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
SD4100
M173 (.438 X .450 4/L N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
1.40
.055
B
3.05
3.30
.120
.130
C
19.94
.785
D
11.56
11.81
.455
.465
E
3.30
.130
F
5.84
.230
G
21.44
.844
H
27.81
28.07
1.095
1.105
J
13.34
13.59
.525
.535
K
0.05
0.13
.002
.005
L
1.40
1.65
.055
.065
M
2.03
2.41
.080
.095
N
4.95
.195
P
11.30
11.56
.445
.455
1010999C
DIM.



Html Pages

1 2 3 4