| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95040-RMN3TP Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RMN3TP Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 37 page ![]() M95040, M95020, M95010 16/37 Read from Memory Array (READ) As shown in Figure 12., to send this instruction to the device, Chip Select (S) is first driven Low. The bits of the instruction byte and address byte are then shifted in, on Serial Data Input (D). For the M95040, the most significant address bit, A8, is in- corporated as bit b3 of the instruction byte, as shown in Table 5.. The address is loaded into an internal address register, and the byte of data at that address is shifted out, on Serial Data Output (Q). If Chip Select (S) continues to be driven Low, an internal bit-pointer is automatically incremented at each clock cycle, and the corresponding data bit is shifted out. When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be continued indefinitely. The whole memory can, therefore, be read with a single READ instruc- tion. The Read cycle is terminated by driving Chip Se- lect (S) High. The rising edge of the Chip Select (S) signal can occur at any time during the cycle. The first byte addressed can be any byte within any page. The instruction is not accepted, and is not execut- ed, if a Write cycle is currently in progress. Table 6. Address Range Bits Figure 12. Read from Memory Array (READ) Sequence Note: Depending on the memory size, as shown in Table 6., the most significant address bits are Don’t Care. Device M95040 M95020 M95010 Address Bits A8-A0 A7-A0 A6-A0 C D AI01440E S Q A7 2 1 3456789 10 11 12 13 14 15 16 17 18 19 A6 A5 A4 A3 A2 A1 A0 A8 20 21 22 76543 2 0 1 High Impedance Data Out Instruction Byte Address 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |