Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AVRF10 Datasheet(PDF) 9 Page - TDK Electronics

No. de pieza AVRF10
Descripción Electrónicos  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF10 Datasheet(HTML) 9 Page - TDK Electronics

Back Button AVRF10 Datasheet HTML 2Page - TDK Electronics AVRF10 Datasheet HTML 3Page - TDK Electronics AVRF10 Datasheet HTML 4Page - TDK Electronics AVRF10 Datasheet HTML 5Page - TDK Electronics AVRF10 Datasheet HTML 6Page - TDK Electronics AVRF10 Datasheet HTML 7Page - TDK Electronics AVRF10 Datasheet HTML 8Page - TDK Electronics AVRF10 Datasheet HTML 9Page - TDK Electronics AVRF10 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20220309
(9/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
PACKAGING STYLE
REEL DIMENSIONS
PACKAGE QUANTITY / INDIVIDUAL WEIGHT
TAPE DIMENSIONS
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
Dimensions in mm
0.8
14.0max.
9.0max.
Type
Package quantity
Individual weight
(pieces/reel)
(mg)
AVRF04
20,000
0.1
AVRF06
15,000
0.2
AVRF10
10,000
1.2
AVRF16
4,000
5
Dimensions in mm
Type
A
B
P1
T
0402
0.26±0.04
0.46±0.04
2.0±0.05
0.40max.
0603
0.38±0.05
0.68±0.05
2.0±0.05
0.45max.
1005
0.65+0.05/-0.1
1.15+0.05/-0.1
2.0±0.05
0.65max.
1608
1.1±0.2
1.9±0.2
4.0±0.1
1.1max.
4.0±0.1
2.0±0.05
A
P1
T
1.5
+0.1
0
Dimensions in mm
160min.
Taping
200min.
200min.
Drawing direction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com