Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OD-880L Datasheet(PDF) 1 Page - OptoDiode Corp

No. de pieza OD-880L
Descripción Electrónicos  HIGH-POWER GaAlAs IR EMITTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTODIODE [OptoDiode Corp]
Página de inicio  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-880L Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-880L Datasheet HTML 1Page - OptoDiode Corp OD-880L Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWERGaAlAsIREMITTERS
OD-880L
.017
.100
.036
.041
45°
GLASS
DOME
1.00
MIN.
.024
.043
.143
.150
.015
.209
.220
.183
.186
.152
.156
FEATURES
• High reliability liquid-phase epitaxially grown GaAlAs
• 880nm peak emission for optimum matching with
ODD-45W photodiode
• Wide range of linear power output
• Hermetically sealed TO-46 package
• Medium emission angle for best coverage/power
density
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified. Window
caps are welded to the case.
Radiant Intensity, Ie
Peak Emission Wavelength, P
Spectral Bandwidth at 50%,
Half Intensity Beam Angle,
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
IF = 50mA
IF = 100mA
IR = 10 A
VR = 0V
5
50
880
80
35
1.55
30
17
0.5
0.5
1.9
mW/sr
nm
nm
Deg
Volts
Volts
pF
sec
sec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Total Power Output, Po
IF = 100mA
mW
18
20
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10 s, 400Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
190mW
100mA
3A
5V
260°C
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
ANODE
(CASE)
CATHODE
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-55°C TO 100°C
100°C
400°C/W Typical
135°C/W Typical
THERMAL PARAMETERS
RoHS


Número de pieza similar - OD-880L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
OD-880L ETC2-OD-880L Datasheet
94Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
logo
OptoDiode Corp
OD-880L OPTODIODE-OD-880L Datasheet
261Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-880LHT OPTODIODE-OD-880LHT Datasheet
391Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880LHT OPTODIODE-OD-880LHT Datasheet
261Kb / 2P
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880LJ OPTODIODE-OD-880LJ Datasheet
255Kb / 2P
HI-REL GaAlAs IR EMITTERS
More results

Descripción similar - OD-880L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
OD-880L ETC2-OD-880L Datasheet
94Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
logo
OptoDiode Corp
OD-148W OPTODIODE-OD-148W Datasheet
371Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-880W OPTODIODE-OD-880W Datasheet
397Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-850F OPTODIODE-OD-850F Datasheet
369Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-850L OPTODIODE-OD-850L Datasheet
366Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-850W OPTODIODE-OD-850W Datasheet
305Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD880W OPTODIODE-OD880W Datasheet
261Kb / 2P
HIGH-POWER GaAlAs IR EMITTERS
OD-850F OPTODIODE-OD-850F_18 Datasheet
169Kb / 4P
High-Power GaAlAs IR Emitters
OD-850L OPTODIODE-OD-850L_18 Datasheet
181Kb / 4P
High-Power GaAlAs IR Emitters
OD-850W OPTODIODE-OD-850W_18 Datasheet
323Kb / 4P
High-Power GaAlAs IR Emitters
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com