| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICUSB2322I Datasheet(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
ICUSB2322I Datasheet(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 4 page ![]() 2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips Product ID: ICUSB2322I The ICUSB2322I 2-Port Industrial USB to Serial Hub with DIN Rail Clips converts a single USB port into two RS232 serial ports, enabling you to connect to, monitor and control your serial devices. Featuring rugged metal construction, with sturdy wall-mounting brackets and top-hat DIN Rail clips (included), this USB to Serial Hub provides versatile mounting options and a robust solution for both harsh industrial environments and simple desktop installations. This USB powered adapter also retains assigned serial COM port values once connected, allowing the same values to be automatically reassigned to the ports provided by the adapter. Backed by a StarTech.com 2-year warranty and free lifetime technical support. Certifications, Reports and Compatibility Applications • Perfect for IT Administrators looking to add legacy functionality to newer notebooks, PCs and servers that lack an integrated RS232 port • Connect, monitor and control industrial/automotive sensors and equipment • Connect bar code scanners, receipt printers and other point of sale devices • Connect a satellite receiver, serial modem, or PDA with serial sync • Connect and program LED and Digital signage boards with serial communication ports |
Número de pieza similar - ICUSB2322I |
|
Descripción similar - ICUSB2322I |