| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA323WQS Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA323WQS Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 78 page ![]() STA323WQS Applications 13/78 2 Applications Figure 7. Schematic for 2 (half-bridge) channels + 1 (full-bridge) channel Table 2. Component selection “Table A” - full-bridge operation Load Inductor Capacitor 4 Ω 10 µH1.0 µF 6 Ω 15 µH 470 nF 8 Ω 22 µH 470 nF Table 3. Component selection "Table B" - binary half-bridge operation Load Inductor Capacitor 4 Ω 22 µH 680 nF 6 Ω 33 µH 470 nF 8 Ω 47 µH 390 nF Table 4. Component selection "Table C" - mono operation Load Inductor Capacitor 2 Ω 4.7 µH2.0 µF 3 Ω 6.8 µH1.0 µF 4 Ω 10 µH1.0 µF SUB_GND SUB_GND N.C. OUT2B VCC2B N.C. GND2B GND2A VCC2A OUT2A OUT1B VCC1B GND1B GND1A N.C. VCC1A OUT1A GND_CLEAN GND_REG VCC_SIGN VSS VDD GND BICKI LRCKI SDI VDDA GNDA XTI PLL_FILTER RES SDA SCL RESET CONFIG VL VDD_REG STA323WQS |