Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F39-HGB0980 Datasheet(PDF) 52 Page - Omron Electronics LLC

No. de pieza F39-HGB0980
Descripción Electrónicos  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-HGB0980 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button F39-HGB0980 Datasheet HTML 48Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 49Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 50Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 51Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 52Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 53Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 54Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 55Page - Omron Electronics LLC F39-HGB0980 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
F3SG-RR
52
List of Models/Response Time/Current Consumption/Weight
F3SG-4RR
@@@@-14
*1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s.
*2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values.
*3. The net weight is the weight of an emitter and a receiver.
*4. The gross weight is the weight of an emitter, a receiver, included accessories and a package.
F3SG-4RR
@@@@-25
*1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s.
*2. The response times are values when Scan Code is set at Code B. The response times for Code A are 1 ms shorter than these values.
*3. The net weight is the weight of an emitter and a receiver.
*4. The gross weight is the weight of an emitter, a receiver, included accessories and a package.
Model
Number
of Beams
Protective
Height
[mm]
(Overall
length)
Response Time [ms] *1
Current
Consumption [mA]
Weight [kg]
ON
→ OFF *2
OFF
(Synchronized)
→ ON
OFF
(Not synchronized)
→ ON
Emitter
Receiver
Net *3
Gross
*4
F3SG-4RR0240-14
23
240
8
40
140
45
75
0.7
1.5
F3SG-4RR0320-14
31
320
8
40
140
55
75
0.9
1.7
F3SG-4RR0400-14
39
400
8
40
140
60
80
1.1
2.0
F3SG-4RR0480-14
47
480
13
65
165
50
80
1.3
2.3
F3SG-4RR0560-14
55
560
13
65
165
55
80
1.5
2.5
F3SG-4RR0640-14
63
640
13
65
165
60
85
1.7
2.8
F3SG-4RR0720-14
71
720
13
65
165
65
85
1.9
3.1
F3SG-4RR0800-14
79
800
13
65
165
65
90
2.1
3.4
F3SG-4RR0880-14
87
880
13
65
165
70
90
2.4
3.6
F3SG-4RR0960-14
95
960
13
65
165
75
90
2.6
3.9
F3SG-4RR1040-14
103
1040
13
65
165
80
95
2.8
4.2
F3SG-4RR1120-14
111
1120
13
65
165
85
95
3.0
4.4
F3SG-4RR1200-14
119
1200
13
65
165
90
100
3.2
4.7
F3SG-4RR1280-14
127
1280
13
65
165
95
100
3.4
5.0
F3SG-4RR1360-14
135
1360
13
65
165
95
105
3.6
5.3
F3SG-4RR1440-14
143
1440
18
90
190
85
105
3.8
5.5
F3SG-4RR1520-14
151
1520
18
90
190
90
105
4.0
5.8
F3SG-4RR1600-14
159
1600
18
90
190
90
110
4.2
6.1
F3SG-4RR1680-14
167
1680
18
90
190
95
110
4.4
6.3
F3SG-4RR1760-14
175
1760
18
90
190
100
115
4.6
6.6
F3SG-4RR1840-14
183
1840
18
90
190
100
115
4.8
6.9
F3SG-4RR1920-14
191
1920
18
90
190
105
120
5.0
7.2
Model
Number
of Beams
Protective
Height
[mm]
(Overall
length)
Response Time [ms] *1
Current
Consumption [mA]
Weight [kg]
ON
→ OFF *2
OFF
(Synchronized)
→ ON
OFF
(Not synchronized)
→ ON
Emitter
Receiver
Net *3
Gross
*4
F3SG-4RR0240-25
12
240
8
40
140
35
75
0.7
1.6
F3SG-4RR0320-25
16
320
8
40
140
40
75
0.9
1.9
F3SG-4RR0400-25
20
400
8
40
140
45
75
1.1
2.1
F3SG-4RR0480-25
24
480
8
40
140
50
75
1.3
2.4
F3SG-4RR0560-25
28
560
8
40
140
50
75
1.5
2.7
F3SG-4RR0640-25
32
640
8
40
140
55
75
1.7
3.0
F3SG-4RR0720-25
36
720
8
40
140
60
80
1.9
3.2
F3SG-4RR0800-25
40
800
8
40
140
65
80
2.1
3.5
F3SG-4RR0880-25
44
880
13
65
165
50
80
2.3
3.8
F3SG-4RR0960-25
48
960
13
65
165
50
80
2.5
4.0
F3SG-4RR1040-25
52
1040
13
65
165
55
80
2.7
4.3
F3SG-4RR1120-25
56
1120
13
65
165
55
85
2.9
4.6
F3SG-4RR1200-25
60
1200
13
65
165
55
85
3.1
4.9
F3SG-4RR1280-25
64
1280
13
65
165
60
85
3.3
5.1
F3SG-4RR1360-25
68
1360
13
65
165
60
85
3.5
5.4
F3SG-4RR1440-25
72
1440
13
65
165
65
85
3.7
5.7
F3SG-4RR1520-25
76
1520
13
65
165
65
90
3.9
5.9
F3SG-4RR1600-25
80
1600
13
65
165
70
90
4.1
6.2
F3SG-4RR1680-25
84
1680
13
65
165
70
90
4.3
6.5
F3SG-4RR1760-25
88
1760
13
65
165
70
90
4.5
6.7
F3SG-4RR1840-25
92
1840
13
65
165
75
90
4.7
7.0
F3SG-4RR1920-25
96
1920
13
65
165
75
95
4.9
7.3