| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7719TR Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7719TR Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 45 page ![]() Description TDA7719 16/45 Since the input stage of this device has different configurations, the corresponding sources for mixing selector are also different according to the configurations. The following table defines the available sources for mixing under different configurations. Note: Only green cells are allowed mixing input. The red cells are not allowed. The beep input is available only when DC offset detector function is not used. 4.3 Loudness There are four parameters programmable in the loudness stage: 4.3.1 Loudness attenuation Figure 5 shows the attenuation as a function of frequency at fP = 400Hz Figure 5. Loudness attenuation @ fP = 400Hz. Table 8. Available sources for mixing Mix selector bits (Byte2 Bit2~Bit0) 000 001 010 011 100 101 110 111 MixIN0 MixIN1 MixIN2 MixIN3 MixIN4 MixIN5 MixIN6 MixIN7 CFG0 NA NA NA NA NA NA Beep Mute CFG1 SE1 SE2 SE3 NA NA NA Beep Mute CFG2 SE1 SE2 SE3 SE4 SE5 NA Beep Mute CFG3 SE1 SE2 SE3 MD1 NA MD2 Beep Mute CFG4 NA NA NA NA NA NA Beep Mute CFG5 NA NA NA SE4 SE5 NA Beep Mute CFG6 MD3 SE2 SE3 NA NA NA Beep Mute CFG7 SE1 SE2 SE3 NA NA NA Beep Mute |