| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
403C33FM Datasheet(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
403C33FM Datasheet(HTML) 2 Page - CTS Corporation |
|
2 / 3 page ![]() Document No. 008-0288-0 Page 2 - 3 Rev. F ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model 403 3.2x2.5mm Low Cost Surface Mount Crystal ELECTRICAL CHARACTERISTICS PARAMETER VALUE Operating Mode Fundamental Crystal Cut AT-Cut Frequency Range 12.0 MHz to 50.0 MHz ± 30 ppm Standard (± 10 ppm, ± 15 ppm and ± 20 ppm Available) Frequency Stability Tolerance ± 50 ppm Standard (Operating Temperature Range, Referenced to 25°C Reading) (± 10 ppm, ± 15 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available) -20°C to +70°C Standard (-40°C to +85°C Available) Aging ± 3 ppm/year Maximum Storage Temperature Range -55°C to +125°C Equivalent Series Resistance See ESR Table Load Capacitance or Resonance Mode See Ordering Information 5.0 pF Maximum (3.0 pF Typical) Drive Level 10 µW Typical, 100 µW Maximum Reflow Condition, per JEDEC J-STD-020 +255°C ± 5°C, 10 Seconds Maximum Shunt Capacitance (C0) Frequency Tolerance @ 25°C Operating Temperature Range EQUIVALENT SERIES RESISTANCE TABLE FREQUENCY RANGE MODE of OSCILLATION ESR Maximum 12.00 MHz - 13.999 MHz Fundamental 150 Ohms 14.00 MHz - 15.999 MHz Fundamental 100 Ohms 16.00 MHz - 19.999 MHz Fundamental 80 Ohms 20.00 MHz - 50.00 MHz Fundamental 60 Ohms MECHANICAL SPECIFICATIONS MARKING INFORMATION 1. XX.XX – Frequency marked with 2 significant digits after the decimal. 2. C – CTS and Pin 1 identifier. 3. YWW – Date Code, Y – Last Digit of Year, WW – Week. 4. Complete CTS part number, frequency value and date code information must appear on reel and box labels. NOTES 1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate. 2. Terminations #2, #4 and the metal lid are connected internally. End user may connect these pins to circuit ground. SUGGESTED SOLDER PAD GEOMETRY 0.085 [2.15] 0.061 [1.55] 0.039 [1.00] Key: [mm] Inch 0.035 [0.90] 12 3 4 PACKAGE DRAWING ( 0.7 ) 0.028 #2 Bottom View Top View 2 1 4 3 ( 0.8 ) 0.031 ( 1.0 ) 0.039 0.047 ( 1.2 ) ( 0.80 ) MAX ( 3.20 ±0.20 ) 0.126 ±0.008 0.031 ( 2.50 ±0.20 ) 0.098 ±0.008 Key: ( MM ) Inch #2 #3 #4 #1 XX.XX CYWW |