Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMSW2011 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

No. de pieza FMSW2011
Descripción Electrónicos  2.92mm PIN Diode Switch SPST From 50 MHz to 40 GHz Rated at 30 dBm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW2011 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMSW2011 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW2011 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW2011 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW2011 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW2011 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-100
-80
-60
-40
-20
0
0.05
4.05
8.04
12.04
16.03
20.03
24.02
28.02
32.01
36.01
40.00
Freq (GHz)
Isolation
2.92mm PIN Diode Switch SPST From 50 MHz to 40 GHz Rated at +30 dBm from Fairview Microwave is in-stock and available
to ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008 certified facilities in
Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 2.92mm PIN Diode Switch SPST From 50 MHz to
40 GHz Rated at +30 dBm FMSW2011
URL: http://www.fairviewmicrowave.com/2.92mm-pin-diode-switch-spst-50-mhz-40-ghz-rated-30-dbm-fmsw2011-p.aspx
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 5
FMSW2011
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com