| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
D4N-2DLE Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4N-2DLE Datasheet(HTML) 1 Page - Omron Electronics LLC |
|
1 / 20 page ![]() CSM_D4N_DS_E_10_1 1 Safety Limit Switch D4N Popular Safety Limit Switches Providing a Full Lineup Conforming to International Standards • Lineup includes models with 1NC/1NO, 2NC, 2NC/1NO and 3NC contact forms. (Slow-action models with MBB contacts are available.) • M12-connector models are also available, saving on labor and simplifying replacement. • Standardized gold-clad contacts provide high contact reliability. Can be used with both standard loads and microloads. • Conforms to the requirements for safety contacts in EN 115-1, EN 81-20, and EN 81-50 (slow-action models only). • Certified standards: UL, EN (TÜV), and CCC Model Number Structure Model Number Legend 1-Conduit Models 1. Conduit size 1: Pg13.5 2: G1/2 4: M20 9: M12 connector 2. Built-in Switch 1: 1NC/1NO (snap-action) 2: 2NC (snap-action) A: 1NC/1NO (slow-action) B: 2NC (slow-action) C: 2NC/1NO (slow-action) D: 3NC (slow-action) E: 1NC/1NO (MBB contact) (slow-action) F: 2NC/1NO (MBB contact) (slow-action) 3. Head and Actuator 20: Roller lever (resin lever, resin roller) 22: Roller lever (metal lever, resin roller) 25: Roller lever (metal lever, metal roller) 26: Roller lever (metal lever, bearing roller) 2G: Adjustable roller lever, form lock (metal lever, resin roller) 2H: Adjustable roller lever, form lock (metal lever, rubber roller) 31: Plunger 32: Roller Plunger 62: One-way roller arm lever (horizontal) 72: One-way roller arm lever (vertical) 80: Cat whisker 87: Plastic rod RE:Fork lever lock (right operation) LE: Fork lever lock (left operation) 2-Conduit Models 1. Conduit size 6: G1/2 8: M20 2. Built-in Switch 1: 1NC/1NO (snap-action) 2: 2NC (snap-action) A: 1NC/1NO (slow-action) B: 2NC (slow-action) C: 2NC/1NO (slow-action) D: 3NC (slow-action) E: 1NC/1NO (MBB contact) (slow-action) F: 2NC/1NO (MBB contact) (slow-action) 3. Head and Actuator 20: Roller lever (resin lever, resin roller) 22: Roller lever (metal lever, resin roller) 25: Roller lever (metal lever, metal roller) 26: Roller lever (metal lever, bearing roller) 2G: Adjustable roller lever, form lock (metal lever, resin roller) 2H: Adjustable roller lever, form lock (metal lever, rubber roller) 31: Plunger 32: Roller Plunger 62: One-way roller arm lever (horizontal) 72: One-way roller arm lever (vertical) Note: Contact your sales representative for details on models with safety standard certification. For the most recent information on models that have been certified for safety standards, refer to your OMRON website. Be sure to read the “Safety Precautions” on page 17. 1 2 3 D4N- @@@@ 1 2 3 D4N- @@@@ |
Número de pieza similar - D4N-2DLE |
|
Descripción similar - D4N-2DLE |