Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D4NH-6BBC Datasheet(PDF) 6 Page - Omron Electronics LLC

No. de pieza D4NH-6BBC
Descripción Electrónicos  Miniature Safety-door Hinge Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NH-6BBC Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4NH-6BBC Datasheet HTML 2Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 3Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 4Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 5Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 6Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 7Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 8Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 9Page - Omron Electronics LLC D4NH-6BBC Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
G-212
Safety Sensors / Components
Dimensions
Switches
Note: All units are in millimeters unless otherwise indicated.
Shaft Type with 1 Conduit
Shaft Type with 2 Conduits
Note: 1. Unless otherwise specified, a tolerance of
0.4 mm applies to all dimensions.
2. Variation occurs in the simultaneity of contact opening/closing operations of 2NC, 2NC/1NO, and 3NC contacts. Check contact operation.
3. There are a minimum of five turns of the screw thread for a Pg13.5 conduit opening and four turns minimum for a G 1/2 conduit opening.
4. Refer to the following diagram for details on M12 connectors.
1-conduit M12 Connector
Arm Lever Type with 1 Conduit
Red
Black
20.5
×20.5
55
47
±0.2
2.5
18
14.2
30
21.5
(31.5)
27.5
11
±0.2
13
±0.2
28
±2
8
18 dia.
12.5 dia.
Two, 3.2
±0.1 dia.
7
±0.2
20
±0.1
22
±0.1
9
±0.2
Two, 3.2
±0.1 dia.
22
±0.2
31
max.
2.15
±0.05R
mounting holes
Conduit
cap
(See note 3.)
8.5
±0.1 dia.
Depth: 20 min.
0
Two, 4
+0.15 dia. holes
Depth: 5
D4NH-1
@AS
D4NH-2
@AS
D4NH-3
@AS
D4NH-4
@AS
D4NH-9
@AS (See note 4.)
OF max.
0.15 N·m
PT 1 (NC)
PT 2 (NO)
(7
) (MBB: 10)
(19
) (MBB: 5
DOT min.
DOF min.
18
1 N·m
Red
Black
20.5
×20.5
42
±0.1
40
±0.1
22
±0.1
20
±0.1
56 max.
(3)
42
±0.2
5.4
18
47
39
±0.2
9
±0.2
2.5
25 dia.
30
20.5
11
±0.2
21.5
28
±2
13
±0.2
18 dia.
12.5 dia.
Two, 3.2
±0.1 dia.
7
±0.2
(31.5)
Two, 3.2
±0.1 dia.
27.5
14.2
8
2.15
±0.05R
mounting holes
Conduit cap
(See note 3.)
8.5
±0.1 dia.
Depth: 20 min.
0
Two, 4
+0.15 dia. holes
Depth: 5
Cap
D4NH-5
@AS
D4NH-6
@AS
D4NH-7
@AS
D4NH-8
@AS
OF max.
0.15 N·m
PT 1 (NC)
PT 2 (NO)
(7
) (MBB: 10)
(19
) (MBB: 5)
DOT min.
DOF min.
18
1 N·m
(14)
M12
×1
14.2
30
D4NH-9
@@@
Red
Black
20.5
×20.5
2.15
±0.05R
mounting holes
Conduit
cap
(See
note 3.)
0
Two, 4
+0.15 dia. holes
Depth: 5
29
±1
2.5
18
20
±0.1
22
±0.1
55
43
80
±1
5.1
16
11
±0.2
21.5
(16.5)
27.5
(26.7)
(10.3)
1.5
(37.9)
22
±0.2
31
max.
47
±0.2
9
±0.2
30
14.2
D4NH-1
@BC
D4NH-2
@BC
D4NH-3
@BC
D4NH-4
@BC
D4NH-9
@BC (See note 4.)
OF max.
0.15 N·m
PT 1 (NC)
PT 2 (NO)
(7
) (MBB: 10)
(19
) (MBB: 5)
DOT min.
DOF min.
18
1 N·m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com