Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24AA08 Datasheet(PDF) 24 Page - Microchip Technology

No. de pieza 24AA08
Descripción Electrónicos  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 24AA08 Datasheet HTML 20Page - Microchip Technology 24AA08 Datasheet HTML 21Page - Microchip Technology 24AA08 Datasheet HTML 22Page - Microchip Technology 24AA08 Datasheet HTML 23Page - Microchip Technology 24AA08 Datasheet HTML 24Page - Microchip Technology 24AA08 Datasheet HTML 25Page - Microchip Technology 24AA08 Datasheet HTML 26Page - Microchip Technology 24AA08 Datasheet HTML 27Page - Microchip Technology 24AA08 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 24
 2002-2021 Microchip Technology Inc.
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018-P Rev E Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
E1
c
C
PLANE
.010
C
12
N
D
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49