Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-DDLM32-13 Datasheet(PDF) 2 Page - ams-OSRAM AG

No. de pieza KT-DDLM32-13
Descripción Electrónicos  SYNIOS® S2222
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSOSRAM [ams-OSRAM AG]
Página de inicio  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-DDLM32-13 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KT-DDLM32-13 Datasheet HTML 1Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 2Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 3Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 4Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 5Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 6Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 7Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 8Page - ams-OSRAM AG KT-DDLM32-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
KT DDLM32.13
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-12-05
SYNIOS® S2222
KT DDLM32.13
The square package with just 2mm outline combines best
performance with a small footprint for environments where
improved corrosion robustness is needed. A centralized chip
allows an easy integration into optical systems. The availability
of all main colors and white points gives highest flexibility in
various application areas.
Applications
- Ambient Lighting
- Entertainment
- Factory Automation
- Home & Building Automation
- Indoor Lighting
- Material Processing
- Projection & Display
- Robotics
- Transportation
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 527 nm (● true green)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux @ 527 nm: typ. 45.0 lm
- Corrosion Robustness Class: 3B (40°C / 90 % RH / 15 ppm H2S / 14 days)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com