Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MK5027DIP Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza MK5027DIP
Descripción Electrónicos  SS7 SIGNALLING LINK CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK5027DIP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MK5027DIP Datasheet HTML 8Page - STMicroelectronics MK5027DIP Datasheet HTML 9Page - STMicroelectronics MK5027DIP Datasheet HTML 10Page - STMicroelectronics MK5027DIP Datasheet HTML 11Page - STMicroelectronics MK5027DIP Datasheet HTML 12Page - STMicroelectronics MK5027DIP Datasheet HTML 13Page - STMicroelectronics MK5027DIP Datasheet HTML 14Page - STMicroelectronics MK5027DIP Datasheet HTML 15Page - STMicroelectronics MK5027DIP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AC TIMING SPECIFICATIONS (Continued)
TA =0
°Cto 70 °C, VCC = +5V ±5 percent, unless otherwise specified.
No
Signal
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Units
42
DAS
TADAS
Delay from the falling edge of ALE to
the falling edge of DAS
80
ns
43
DAS
TRIDF
Delay from the rising edge of DALO
to the falling edge of DAS (bus
master read)
35
ns
44
DAS
TRDYS
Delay from the falling edge of
READY to the falling edge of DAS
TARYD = 300ns
TSCT = 100ns
120
200
ns
45
DALI
TROIF
Delay from the rising edge of DALO
to the falling edge of DALI (bus
master read)
70
ns
46
DALI
TRIS
DALI setup time to the rising edge of
DAS (bus master read)
150
ns
47
DALI
TRIH
DALI hold time after the rising edge
of DAS (bus master read)
0ns
48
DALI
TRIOF
Delay from the rising edge of DALI
to the falling edge of DALO (bus
master read)
70
ns
49
DALO
TOS
DALO setup time to the falling edge
of ALE (bus master read)
110
ns
50
DALO
TROH
DALO hold time after the falling
edge of ALE (bus master read)
35
ns
51
DALO
TWDSI
Delay from the rising edge of DAS to
the rising edge of DALO (bus master
write)
50
ns
52
CS
TCSH
CS hold time after the rising edge of
DAS (bus slave)
0ns
53
CS
TCSS
CS setup time to the falling edge of
DAS (bus slave)
0ns
54
ADR
TSAH
ADR hold time after the rising edge
of DAS (bus slave)
0ns
55
ADR
TSAS
ADR setup time to the falling edge of
DAS (bus slave)
0ns
56
READY
TARYD
Delay from the falling edge of ALE to
the falling edge of READY to Insure
a Minimum Bus Cycle Time (600ns)
TSCT = 100ns
150
ns
57
READY
TSRDS
Data setup time to the falling edge of
READY (bus slave read)
75
ns
58
READY
TRDYH
READY hold time after the rising
edge of DAS (bus master)
0ns
59
READY
TSRYH
READY hold time after the rising
edge of DAS (bus slave)
TSCT = 100ns
0
35
ns
60
READY
TRSH
READ hold time after rhe rising edge
of DAS (bus slave)
0ns
61
READ
TSRS
READ setup time after rhe rising
edge of DAS (bus slave)
0ns
62
READY
TRDYD
Delay from falling edge of DAS to
falling edge of READY (bus slave)
TSCT = 100ns
200
ns
MK5027
12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19