Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CVR3MM-2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

No. de pieza CVR3MM-2
Descripción Electrónicos  CA, 3 RCA PLUC TO 3 RCA PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CVR3MM-2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CVR3MM-2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
6X
6.0±.3
152.4±7.62
6X RCA PHONO
PLUG
RED
BLUE
GREEN
2X MOLDED
STRAIN RELIEF
PVC, BLACK
RED
GREEN
BLUE
UL STYLE 20276,
THREE HIGH FLEX THIN LINE
75 OHM COAX CABLES
ONE RED, ONE GREEN, ONE BLUE
OUTER JACKET: PVC, BLACK
6X MOLDED HOOD
PVC, BLACK
NOTES:
1. L-COM LOGO REQUIRED ON BOTH SIDES OF MOLDED HOODS AND
STRAIN RELIEFS.
2. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
E
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CVR3MM
E
CVR3MM.SLDDRW
1
1
D.PARHAM
07/14/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
07/14/2003
9/28/12
D
E
ECN 6436: UPDATED LOGOS
ECN 9708: UPDAT UL# AND MARKING FOR CABLE
02/22/19
D. DESJARDIN
SLI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, 3 RCA PLUC TO 3 RCA PLUG
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
07/14/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Número de pieza similar - CVR3MM-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
CVR3MM-2 L-COM-CVR3MM-2 Datasheet
99Kb / 1P
CA, 3 RCA PLUC TO 3 RCA PLUG
07/14/2003
CVR3MM-2 L-COM-CVR3MM-2 Datasheet
99Kb / 1P
CA, 3 RCA PLUC TO 3 RCA PLUG
07/14/2003
CVR3MM-2 L-COM-CVR3MM-2 Datasheet
99Kb / 1P
CA, 3 RCA PLUC TO 3 RCA PLUG
07/14/2003
CVR3MM-25 L-COM-CVR3MM-25 Datasheet
99Kb / 1P
CA, 3 RCA PLUC TO 3 RCA PLUG
07/14/2003
CVR3MM-25 L-COM-CVR3MM-25 Datasheet
99Kb / 1P
CA, 3 RCA PLUC TO 3 RCA PLUG
07/14/2003
More results

Descripción similar - CVR3MM-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
Adam Technologies, Inc.
RCP-22-W-1-C4 ADAM-TECH-RCP-22-W-1-C4 Datasheet
81Kb / 1P
RCA PLUG
RCP-22-W-1-C5 ADAM-TECH-RCP-22-W-1-C5 Datasheet
94Kb / 1P
RCA PLUG
logo
CUI INC
RCP-01 CUI-RCP-01 Datasheet
225Kb / 3P
RCA PLUG
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
logo
Neutrik AG
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com