| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F5671CDDLE Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDLE Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 22 of 179 Sep 30, 2024 Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock RXD12 Input Input pin for received data TXD12 Output Output pin for transmitted data CTS12# Input Input pin for controlling the start of transmission and reception RTS12# Output Output pin for controlling the start of transmission and reception Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock SSDA12 I/O Input/output pin for the I2C data Simple SPI mode SCK12 I/O Input/output pin for the clock SMISO12 I/O Input/output pin for slave transmission of data SMOSI12 I/O Input/output pin for master transmission of data SS12# Input Chip-select input pin Extended serial mode RXDX12 Input Input pin for received data TXDX12 Output Output pin for transmitted data SIOX12 I/O Input/output pin for received or transmitted data Serial communications interface (SCIm) Asynchronous mode/clock synchronous mode SCK10, SCK11 I/O Input/output pins for the clock RXD10, RXD11 Input Input pins for received data TXD10, TXD11 Output Output pins for transmitted data CTS10#, CTS11# Input Input pins for controlling the start of transmission and reception RTS10#, RTS11# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL10, SSCL11 I/O Input/output pins for the I2C clock SSDA10, SSDA11 I/O Input/output pins for the I2C data Simple SPI mode SCK10, SCK11 I/O Input/output pins for the clock SMISO10, SMISO11 I/O Input/output pins for slave transmission of data SMOSI10, SMOSI11 I/O Input/output pins for master transmission of data SS10#, SS11# Input Chip-select input pins Table 1.4 Pin Functions (4/8) Classifications Pin Name I/O Description |