| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F56519FDFM Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56519FDFM Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 72 of 188 Oct 31, 2023 84 PB1 A9 MTIOC0C/ MTIOC4C/ TIOCB3/ TMCI0/PO25 ET0_ERXD0/ RMII0_RXD0/ TXD4/SMOSI4/ SSDA4/TXD6/ SMOSI6/SSDA6 LCD_TC ON3-B*1 IRQ4-DS 85 P72 A19/CS2# ET0_MDC 86 P71 A18/CS1# ET0_MDIO 87 PB0 A8 MTIC5W/ TIOCA3/PO24 ET0_ERXD1/ RMII0_RXD1/ RXD4/SMISO4/ SSCL4/RXD6/ SMISO6/SSCL6 LCD_DA TA0-B*1 IRQ12 88 PA7 A7 TIOCB2/PO23 ET0_WOL/ MISOA-B LCD_DA TA1-B*1 89 PA6 A6 MTIC5V/ MTCLKB/ TIOCA2/ TMCI3/PO22/ POE10# ET0_EXOUT/ CTS5#/RTS5#/ SS5#/MOSIA-B LCD_DA TA2-B*1 90 PA5 A5 MTIOC6B/ TIOCB1/PO21 ET0_LINKSTA/ RSPCKA-B LCD_DA TA3-B*1 91 VCC 92 PA4 A4 MTIC5U/ MTCLKA/ TIOCA1/ TMRI0/PO20 ET0_MDC/TXD5/ SMOSI5/SSDA5/ SSLA0-B LCD_DA TA4-B*1 IRQ5-DS 93 VSS 94 PA3 A3 MTIOC0D/ MTCLKD/ TIOCD0/ TCLKB/PO19 ET0_MDIO/ RXD5/SMISO5/ SSCL5 LCD_DA TA5-B*1 IRQ6-DS 95 PA2 A2 MTIOC7A/ PO18 RXD5/SMISO5/ SSCL5/SSLA3-B LCD_DA TA6-B*1 96 PA1 A1 MTIOC0B/ MTCLKC/ MTIOC7B/ TIOCB0/PO17 ET0_WOL/ SCK5/SSLA2-B LCD_DA TA7-B*1 IRQ11 97 PA0 BC0#/A0 MTIOC4A/ MTIOC6D/ TIOCA0/PO16/ CACREF ET0_TX_EN/ RMII0_TXD_EN/ SSLA1-B LCD_DA TA8-B*1 98 P67 DQM1/CS7# MTIOC7C IRQ15 99 P66 DQM0/CS6# MTIOC7D 100 P65 CKE/CS5# 101 PE7 D15[A15/ D15]/D7[A7/ D7]*1 MTIOC6A/ TOC1 MISOB-B SDHI_WP/ MMC_RES#-B LCD_DA TA9-B*1 IRQ7 AN105 102 PE6 D14[A14/ D14]/D6[A6/ D6]*1 MTIOC6C/TIC1 MOSIB-B SDHI_CD/ MMC_CD-B LCD_DA TA10-B*1 IRQ6 AN104 103 VCC 104 P70 SDCLK 105 VSS 106 PE5 D13[A13/ D13]/D5[A5/ D5]*1 MTIOC4C/ MTIOC2B ET0_RX_CLK/ REF50CK0/ RSPCKB-B LCD_DA TA11-B*1 IRQ5 AN103 107 PE4 D12[A12/ D12]/D4[A4/ D4]*1 MTIOC4D/ MTIOC1A/ PO28 ET0_ERXD2/ SSLB0-B LCD_DA TA12-B*1 AN102 Table 1.8 List of Pin and Pin Functions (144-Pin LFQFP) (5/7) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 144-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |