| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F5651EDDFM Datasheet(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5651EDDFM Datasheet(HTML) 84 Page - Renesas Technology Corp |
|
84 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 84 of 188 Oct 31, 2023 Note 1. These pins are only enabled for products with 2 or 1.5 Mbytes of code flash memory. Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. 79 PD7 D7[A7/D7] MTIC5U/ POE0# SSLC3-A QMI-B/QIO1-B/ SDHI_D1-B/ MMC_D1-B LCD_DA TA17-B*1 IRQ7 AN107 80 PD6 D6[A6/D6] MTIC5V/ MTIOC8A/ POE4# SSLC2-A QMO-B/QIO0-B/ SDHI_D0-B/ MMC_D0-B LCD_DA TA18-B*1 IRQ6 AN106 81 PD5 D5[A5/D5] MTIC5W/ MTIOC8C/ POE10# SSLC1-A QSPCLK-B/ SDHI_CLK-B/ MMC_CLK-B LCD_DA TA19-B*1 IRQ5 AN113 82 PD4 D4[A4/D4] MTIOC8B/ POE11# SSLC0-A QSSL-B/ SDHI_CMD-B/ MMC_CMD-B LCD_DA TA20-B*1 IRQ4 AN112 83 PD3 D3[A3/D3] MTIOC8D/ TOC2/POE8# RSPCKC-A QIO3-B/SDHI_D3- B/MMC_D3-B LCD_DA TA21-B*1 IRQ3 AN111 84 PD2 D2[A2/D2] MTIOC4D/TIC2 MISOC-A/CRX0 QIO2-B/SDHI_D2- B/MMC_D2-B LCD_DA TA22-B*1 IRQ2 AN110 85 PD1 D1[A1/D1] MTIOC4B/ POE0# MOSIC-A/CTX0 LCD_DA TA23-B*1 IRQ1 AN109 86 PD0 D0[A0/D0] POE4# LCD_EX TCLK-B *1 IRQ0 AN108 87 P47 IRQ15- DS AN007 88 P46 IRQ14- DS AN006 89 P45 IRQ13- DS AN005 90 P44 IRQ12- DS AN004 91 P43 IRQ11- DS AN003 92 P42 IRQ10- DS AN002 93 P41 IRQ9-DS AN001 94 VREFL0 95 P40 IRQ8-DS AN000 96 VREFH0 97 AVCC0 98 P07 IRQ15 ADTRG0 # 99 AVSS0 100 P05 IRQ13 DA1 Table 1.10 List of Pin and Pin Functions (100-Pin LFQFP) (5/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 100-Pin LFQFP (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF) |