Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F56519FDFB Datasheet(PDF) 47 Page - Renesas Technology Corp

No. de pieza R5F56519FDFB
Descripción Electrónicos  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 43Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 44Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 45Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 46Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 47Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 48Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 49Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 50Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 188 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0240 Rev.2.40
Page 47 of 188
Oct 31, 2023
D12
PE5
D13[A13/
D13]/D5[A5/
D5]
MTIOC4C/
MTIOC2B
ET0_RX_CLK/
REF50CK0/
RSPCKB-B
LCD_DA
TA11-B
IRQ5
AN103
D13
VCC
D14
PE7
D15[A15/
D15]/D7[A7/
D7]
MTIOC6A/
TOC1
MISOB-B
SDHI_WP/
MMC_RES#-B
LCD_DA
TA9-B
IRQ7
AN105
D15
P65
CKE/CS5#
E1
PJ5
POE8#
CTS2#/RTS2#/
SS2#
E2
EMLE
E3
PF5
IRQ4
E4
VSS
E5 *1
NC
E12
PE6
D14[A14/
D14]/D6[A6/
D6]
MTIOC6C/TIC1
MOSIB-B
SDHI_CD/
MMC_CD-B
LCD_DA
TA10-B
IRQ6
AN104
E13
TRDATA0
PG2
D26
E14
TRDATA1
PG3
D27
E15
P67
DQM1/CS7#
MTIOC7C
IRQ15
F1
VBATT
F2
VCL
F3
PJ3
EDACK1
MTIOC3C
ET0_EXOUT/
CTS6#/RTS6#/
SS6#/CTS0#/
RTS0#/SS0#
F4
BSCANP
F12
P66
DQM0/CS6#
MTIOC7D
F13
TRSYNC
PG4
D28
F14
PA0
DQM2/
BC0#/A0
MTIOC4A/
MTIOC6D/
TIOCA0/PO16/
CACREF
ET0_TX_EN/
RMII0_TXD_EN/
SSLA1-B
LCD_DA
TA8-B
F15
VSS
G1
XCIN
G2
XCOUT
G3
MD/FINED
G4
TRST#
PF4
G12
TRCLK
PG5
D29
G13
TRDATA2
PG6
D30
G14
PA1
DQM3/A1
MTIOC0B/
MTCLKC/
MTIOC7B/
TIOCB0/PO17
ET0_WOL/
SCK5/SSLA2-B
LCD_DA
TA7-B
IRQ11
G15
VCC
H1
XTAL
P37
H2
VSS
H3
RES#
H4
UPSEL
P35
NMI
Table 1.5
List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (3/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
177-Pin
TFLGA
176-Pin
LFBGA
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)