| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R7F100LLL3CFB Datasheet(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7F100LLL3CFB Datasheet(HTML) 92 Page - Renesas Technology Corp |
|
92 / 148 page ![]() RL78/L23 2. Electrical Characteristics R01DS0502EJ0110 Rev.1.10 Page 92 of 145 Oct 31, 2025 Connection in the simplified I2C communications with devices operating at same voltage levels Timing of serial transfer in the simplified I2C communications with devices operating at same voltage levels Remark 1. Rb[Ω]: Communication line (SDAr) pull-up resistance, Cb[F]: Communication line (SDAr, SCLr) load capacitance Remark 2. r: IIC number (r = 00, 01, 10, 11, 20, 21, 30, 31), g: PIM number (g = 0 to 9, 12, 14), h: POM number (h = 0 to 9, 12 to 14) Remark 3. fMCK: Operation clock frequency of the serial array unit To set this operating clock, use the CKSmn bit in the SMRmn register (m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13). RL78 microcontroller SDAr SCLr SDA SCL VDD Rb User device SDAr SCLr 1/fSCL tLOW tHIGH tSU:DAT tHD:DAT |