Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7F100GFG2DFP Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza R7F100GFG2DFP
Descripción Electrónicos  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GFG2DFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R7F100GFG2DFP Datasheet HTML 1Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 2Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 3Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 4Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 5Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 6Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 7Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 8Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 183 page
background image
R01DS0395EJ0140 Rev.1.40
Page 1 of 177
Oct 31, 2025
RL78/G23
RENESAS MCU
True low-power platform, 41-µA/MHz operating current, 210-nA data retention current for 4 KB of RAM, up to
768-KB code flash memory and 48-KB RAM, capacitive sensing unit, from 30 to 128 pins, 1.6-5.5 V
Datasheet
1. Outline
1.1
Features
Ultra-low power consumption technology
•VDD = single power supply voltage of 1.6 to 5.5 V
•HALT mode
• STOP mode
High-speed wakeup from the STOP mode is
possible.
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• The minimum instruction execution time can be
changed from high to ultra-low speed.
– High speed: 0.03125 µs at 32-MHz operation
with the high-speed on-chip oscillator clock
– Ultra-low speed: 30.5 µs at 32.768-kHz
operation with the subsystem clock
• Multiply/divide/multiply & accumulate instructions
are supported.
• Address space: 1 MB
• General-purpose registers:
(8-bit register × 8) × 4 banks
• On-chip RAM: 12 to 48 KB
Code flash memory
• Code flash memory: 96 to 768 KB
• Block size: 2 KB
• Prohibition of block erase and rewriting (security
function)
• On-chip debugging
• Self-programming (with boot swapping and flash
shield window)
Data flash memory
• Data flash memory: 8 KB
• Background operation (BGO):
Instructions can be executed from the program
memory while rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (typ.)
High-speed on-chip oscillator
• Selectable from among 32 MHz, 24 MHz, 16 MHz,
12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz,
and 1 MHz
• High accuracy: ±1.0%
(VDD = 1.8 to 5.5 V, TA = -20 to +85°C)
Middle-speed on-chip oscillator
• Selectable from among 4 MHz, 2 MHz, and 1 MHz
with adjustability
Low-speed on-chip oscillator
• 32.768 kHz (typ.) with adjustability
Operating ambient temperature
•TA = -40 to +85°C (2D: Consumer applications)
•TA = -40 to +105°C (3C: Industrial applications)
Power management and reset function
• Power-on-reset circuit (POR)
• Voltage detectors (LVD0 and LVD1)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat
transfer mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
SNOOZE mode sequencer (SMS)
• Calculations and comparison of values by the
commands for use in processing by the sequencer
can realize intermittent operations where the
RL78/G23 does not have to return to normal
operation.
• Sequentially handling a total of 32 processes with
the use of desired commands from among 21
different ones
• The SNOOZE mode sequencer offers operation
with low power consumption without using the
CPU, flash memory, and RAM.
R01DS0395EJ0140
Rev.1.40
Oct 31, 2025


Número de pieza similar - R7F100GFG2DFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
R7F100LFE3CFP RENESAS-R7F100LFE3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFG3CFP RENESAS-R7F100LFG3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFJ3CFP RENESAS-R7F100LFJ3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LFL3CFP RENESAS-R7F100LFL3CFP Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
R7F100LGE3CFB RENESAS-R7F100LGE3CFB Datasheet
1Mb / 148P
RENESAS MCU
Rev.1.10 Oct 31, 2025
More results

Descripción similar - R7F100GFG2DFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com