Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS7-302FBWC Datasheet(PDF) 2 Page - PATLITE CORPORATION.

No. de pieza LS7-302FBWC
Descripción Electrónicos  Signal Tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PATLITE [PATLITE CORPORATION.]
Página de inicio  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LS7-302FBWC Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LS7-302FBWC Datasheet HTML 1Page - PATLITE CORPORATION. LS7-302FBWC Datasheet HTML 2Page - PATLITE CORPORATION. LS7-302FBWC Datasheet HTML 3Page - PATLITE CORPORATION. LS7-302FBWC Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L S 7 -
0 2
F B
-
□ □ □ □ □
5 : 5 tiers
■
Rated Voltage
■
Mounting
■
Wiring
3 : 3 tiers
02 : 24V DC
W : Direct mount
H : Lead wires
C : M12 Connector
D
: Off dark gray
5 tiers
S
: Silver
RYGBC : Red, Amber, Green,
FB : Continuous Lighting, Flashing with Buzzer (Only for Lead wires type)
Blank, Blank
B
: Continuous Lighting with Buzzer (Only for M12 Connector type)
*From Top to Bottom
Product Name
Signal Tower
■
Lighting and Buzzer
■
Luminous Color
3 tiers
Red: more than 490mcd Amber: more than 1140mcd Green: more than 940mcd
Environmental Condition
Front direction from the center/at 1m
Blue: more than 195mcd White: more than 1000mcd
Mass (Tolerance ±10%)
0.32kg
Blank : Off white
Standby Current
10±5mA
Operating Ambient Temperature
-30℃ to +60℃
■
Tier
Mounting Location
Indoors
Mounting Direction
・
The standby current is based on a product with an operating, the current will be higher.
Operating Voltage Range
Rated Voltage ±10%
Signal Wire Current
(Rated Current
Consumption)
■
Body Color
Inrush Current
150mA
Protection Rating
IP54 (IEC 60529)
Environmental Condition
Typ.
M12 Connector Type
[Model Number Configuration]
□
□
W
□
Install the signal light on a sturdy and level surface
Vibration Resistance
19.6m/s2
Luminous Intensity
Page
Drawing No.
Rev.
LS7-502B-W18
E
LS7-502(D/S)BWC-RYGBC
3 tiers
LS7-302(D/S)BWC-RYGNN
UL Registered Model
LS7-_02(D/S)BWC
Rated Voltage
24V DC (Non-polar)
Model
5 tiers
Per Unit Red: 20mA Amber: 30mA Green: 30mA Blue: 30mA White: 30mA
Buzzer 40mA
Max.
Per Unit Red: 35mA Amber: 40mA Green: 40mA Blue: 40mA White: 40mA
Buzzer 55mA
Operating Ambient Humidity
Less than90% (No condensation)
・
UL Recognized Component (File No.E215660)
Outer Dimensions
Upright
Insulation Resistance
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Sound Pressure Level
More than 82 dB Min.: Less than 70 dB
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
・
Conforms to the UKCA Requirements
RYGNN : Red, Amber, Green,
Blue, White
Refer to Outer Dimension Drawing
Conformity Standards
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Remarks
・
Conforms to the CE Requirements
2/4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com