Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2ADDCAC Datasheet(PDF) 12 Page - Renesas Technology Corp

No. de pieza R7KA8D2ADDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADDCAC Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R7KA8D2ADDCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2ADDCAC Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 292 page
background image
Table 1.14
Function Comparison (2 of 2)
Parts number
R7KA8D
2AxxCA
C
R7KA8D
2BxxCA
C
R7KA8D
2JxxCA
C
R7KA8D
2KxxCA
C
R7KA8D
2AxxCA
B
R7KA8D
2BxxCA
B
R7KA8D
2JxxCA
B
R7KA8D
2KxxCA
B
R7JA8D
2JxxSAJ
R7JA8D
2KxxSAJ
Timers
GPT32*1
14
PDG
4
AGT*1
2
ULPT*1
2
RTC
Yes
Analog
ADC16H
Unit 0: 15, Unit 1: 15
Unit 0: 7, Unit 1: 5
Unit 0: 15, Unit 1: 15
DAC12
2
ACMPHS 4
TSN
Yes
HMI
GLCDC
RGB888
DRW
Yes
MIPI
DSI/CSI
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
VIN
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
CEU
Yes
Data
processin
g
CRC
Yes
DOC
Yes
Event
control
ELC
Yes
Security
RSIP-E50D, Decryption on-the-fly, Secure Debug, OTP, TrustZone, and Lifecycle management
Note:
The product name differs depending on the supported memory size. See section 1.3. Part Numbering.
Note:
The maximum frequency varies by product group.
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. OSPI1 is connected to the serial Flash in the SiP product.
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 12 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com