Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2ADDCAB Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza R7KA8D2ADDCAB
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADDCAB Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R7KA8D2ADDCAB Datasheet HTML 60Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 61Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 62Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 63Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 64Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 65Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 66Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 67Page - Renesas Technology Corp R7KA8D2ADDCAB Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 292 page
background image
Table 2.14
Current of high-speed mode, maximum data processing (MVE operation), CPU0 active, CPU1 Deep
Sleep, peripheral clock ON (DCDC mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1*2
CPUCLK0 = 1
GHz
CPUCLK1 = 250
MHz
VSCR_1
ICC_DCDC*4
136
322
—
mA
VCC_DCDC = 3.3 V
CPU1 = Deep Sleep
*5
IDD*3
349
827
—
CPUCLK0 = 800
MHz
CPUCLK1 = 200
MHz
VSCR_1
ICC_DCDC*4
113
—
341
IDD*3
290
—
877
CPUCLK0 = 600
MHz
CPUCLK1 = 150
MHz
VSCR_2
ICC_DCDC*4
83
265
306
IDD*3
216
693
801
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows.
IDD Typ. = 0.25 × fCPUCLK0 + 0.35 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 95℃) = 0.27 × fCPUCLK0 + 0.46 × fICLK + 487 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_1, 105℃) = 0.27 × fCPUCLK0 + 0.46 × fICLK + 565 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 95℃) = 0.27 × fCPUCLK0 + 0.61 × fICLK + 474 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VSCR_2, 105℃) = 0.27 × fCPUCLK0 + 0.61 × fICLK + 549 (unit : mA, fCPUCLK0 and fICLK are MHz)
Note 4. Typical DCDC efficiency and the voltage of the test conditions are applied.
Note 5. Same frequency condition is applied as in the maximum condition.
Table 2.15
Current of high-speed mode, maximum data processing (MVE operation), CPU0 active, CPU1 Deep
Sleep, peripheral clock ON (External VDD mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply
current
*1*2
CPUCLK0 = 1
GHz
CPUCLK1 = 250
MHz
VCL = voltage
range 1
IDD*3
349
827
—
mA
CPU1 = Deep Sleep
*4
CPUCLK0 = 800
MHz
CPUCLK1 = 200
MHz
VCL = voltage
range 1
IDD*3
290
—
877
CPUCLK0 = 600
MHz
CPUCLK1 = 150
MHz
VCL = voltage
range 2
IDD*3
216
693
801
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Measured with clocks supplied to the peripheral functions and peripherals being operated. This does not include the BGO
operation.
Note 3. IDD depends on f (CPUCLK0 and ICLK) as follows.
IDD Typ. = 0.25 × fCPUCLK0 + 0.35 × fICLK + 21 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 95℃) = 0.27 × fCPUCLK0 + 0.46 × fICLK + 487 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 1, 105℃) = 0.27 × fCPUCLK0 + 0.46 × fICLK + 565 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 95℃) = 0.27 × fCPUCLK0 + 0.61 × fICLK + 474 (unit : mA, fCPUCLK0 and fICLK are MHz)
IDD Max.(VCL = voltage range 2, 105℃) = 0.27 × fCPUCLK0 + 0.61 × fICLK + 549 (unit : mA, fCPUCLK0 and fICLK are MHz)
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 64 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com