Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8D2ADLCAB Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza R7KA8D2ADLCAB
Descripción Electrónicos  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2ADLCAB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R7KA8D2ADLCAB Datasheet HTML 4Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 5Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2ADLCAB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 292 page
background image
1.2
Block Diagram
Figure 1.1 shows a block diagram of the MCU superset. Some individual devices within the group have a subset of the
features.
Memory
1 MB code
MRAM
2 MB SRAM
DMA
DMAC × 16
System
Mode control
Power control
Register write
protection
MOSC/SOSC
Clocks
(H/M/L) OCO
PLL1/PLL2
Battery backup
GPT32 x 14
Timers
ULPT × 2
RTC
CEU
Arm® Cortex®-M85
DTC × 2
CAC
POR/PVD
Reset
Human machine interfaces
ELC
Event link
RSIP-E50D
Security
Analog
CRC
Data processing
DOC
Communication interfaces
I3C
OSPI × 2
IIC × 3
SDHI × 2
SPI × 2
CANFD × 2
SSIE × 2
USBFS
SCI × 10
TSN
DAC12 × 2
ADC16H × 2
Bus
MPU
CSC
External
ICU × 2
ESWM
WDT × 2/IWDT
MPU
NVIC
System timer
Test and DBG
interface
IDAU
DSP
FPU
USBHS
AGT × 2
DRW
MIPI DSI
GLCDC
ACMPHS × 4
DOTF × 2
SDRAM
PDG x 4
PDMIF
MIPI CSI
Arm® Cortex®-M33
MPU
NVIC
System timer
Test and DBG
interface
IDAU
DSP
FPU
8 MB Flash
VIN
Note:
Not available on all part numbers.
Figure 1.1
Block diagram
1.3
Part Numbering
Figure 1.2 shows the product part number information, including memory capacity and package type. Table 1.13 shows a
list of products.
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 8 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com