| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACTF4008 Datasheet(PDF) 1 Page - Advanced Crystal Technology |
|
|
|||||||||||||||||||||||||||||
ACTF4008 Datasheet(HTML) 1 Page - Advanced Crystal Technology |
|
1 / 3 page ![]() Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice. ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com The ACTF4008/465.0/DCC6 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter in a surface-mount ceramic DCC6 case intended for use in Mobile Radio ( FRS & PMR ) applications. 1. Package Dimension (DCC6) 2. 3. Matching Circuit Pin Configuration 2 Input 5 Output 1,3,4,6 Ground Sign Data (unit: mm) Sign Data (unit: mm) A 1.90±0.1 E 1.35±0.15 B 0.64±0.1 (x6) F 3.80±0.15 C 1.00±0.1 (x5) G 3.80±0.15 D 1.27±0.1 (x4) Issue : 1 C1 Date : SEPT 04 |
Número de pieza similar - ACTF4008 |
|
Descripción similar - ACTF4008 |