| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R7KA8M2JFDCAC Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2JFDCAC Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 295 page ![]() Table 1.16 Pin list for the Standard product (9 of 9) BGA289 BGA224 BGA169 HLQFP176 Power, System, Clock, Debug, CAC I/O ports ExBus/ SDRAM Ex.Interrup t SCI/IIC/I3C/SPI/CANFD/USBFS/ USBHS/OSPI/SSIE/SDHI/MMC/ ESWM(GMII, RGMII, MII, RMII)/ PDMIF GPT/AGT/ULPT/RTC ADC16H/ DAC12/ ACMPHS CEU U16 R14 N13 175 — P814 — IRQ16 CRX0/USB_DP GTIOC8B — — U17 R15 N12 176 VCC_USB — — — — — — — Note: Several pin names have the added suffix of _A, _B, and _C. These suffixes have special conditions for electrical characteristics. Note 1. There are two types for IIC function, one is a simple IIC by SCI and another is a dedicated IIC. This terminal is for a dedicated IIC. Table 1.17 Pin list for the SiP product (1 of 8) BGA303 Power, System, Clock, Debug, CAC I/O ports ExBus/ SDRAM Ex.Interrup t SCI/IIC/I3C/SPI/CANFD/USBFS/USBHS/ OSPI/SSIE/SDHI/MMC/ESWM(GMII, RGMII, MII, RMII)/PDMIF GPT/AGT/ULPT/RTC ADC16H/ DAC12/ ACMPHS CEU A1 VSS — — — — — — — A2 — P114 D5/DQ5 IRQ30-DS CTS_RTS0_A/SS0_A/DE0/SSLA0_B/ SSIRXD0_B/SD0DAT6_B GTETRGC/GTIOC2B ADSYNC — A3 — P609 D7/DQ7 IRQ29 TXD0_C/SDA0_C/MOSI0_C/MISOA_B/ CTX1 GTIU/GTIOC5B/ULPTOA1-DS AD1FLAG1 — A4 — P113 D4/DQ4 IRQ28 RXD0_A/SCL0_A/MISO0_A/SSLA1_B/ SSILRCK0_B/SSIFS0_B/SD0DAT5_B GTETRGB/GTIOC2A/ULPTOA0- DS ADST1 — A5 — P301 D1/DQ1 IRQ6 TXD6_B/SDA6_B/MOSI6_B/SD0DAT2_B GTOULO/GTIOC4B/AGTIO0/ ULPTEE0-DS — — A6 TDI P208 — IRQ3 RXD9_B/SCL9_B/MISO9_B/CRX1 GTOVLO/GTIOC1B VCOUT — A7 TMS/SWDIO P210 — IRQ24 CTS_RTS9_B/SS9_B/DE9 GTOULO/GTIOC0B — — A8 VLO — — — — — — — A9 VLO — — — — — — — A10 VSS_DCDC — — — — — — — A11 VCC_DCDC — — — — — — — A12 VCC_DCDC — — — — — — — A13 — P309 — IRQ25-DS CTS9_B/ET1_GTX_CLK/RGMII1_TXC GTCPPO8 VCOUT VIO_D10 A14 — P906 — IRQ9 CTS6_A/USB_ID/SSILRCK1_A/ SSIFS1_A/ET1_RXD0/RGMII1_RXD0/ RMII1_RXD0/PDMDAT0 GTIOC13B/ULPTO1 AD0FLAG1 VIO_D5 A15 — P905 — IRQ8 RXD3_B/SCL3_B/MISO3_B/ ET1_RX_CLK/RGMII1_RXC/ RMII1_REF50CK/PDMDAT1 GTCPPO13 AD1FLAG1 VIO_D6 A16 — P907 — IRQ10 SCK6_A/DE6/USB_EXICEN/SSIBCK1_A/ ET1_RXD1/RGMII1_RXD1/RMII1_RXD1/ PDMCLK2 GTIOC13A/ULPTEE1 ADSYNC VIO_D4 A17 — P207 — IRQ25 ET1_RXD5 GTCPPO3 — — A18 VSS — — — — — — — B1 — P813 SDCS IRQ15 SCK7_A/DE7/PDMCLK2 GTETRGA/GTIOC7B — VIO_D13 B2 — PA12 D9/DQ9 IRQ11 RXD9_C/SCL9_C/MISO9_C GTIW/GTIOC6B — — B3 — P115 D6/DQ6 IRQ31-DS CTS0_A/MOSIA_B/SSITXD0_B/ SD0DAT7_B GTETRGD/GTIOC5A AD0FLAG1 — B4 — PA11 D8/DQ8 IRQ10 SCK9_C/DE9 GTIV/GTIOC6A — — B5 — P112 D3/DQ3 IRQ27 TXD0_A/SDA0_A/MOSI0_A/SSLA2_B/ SSIBCK0_B/SD0DAT4_B GTETRGA/GTIOC3B/ULPTOB0- DS ADST0 — B6 TDO/SWO/CLKOUT P209 — IRQ25 TXD9_B/SDA9_B/MOSI9_B/CTX1 GTOVUP/GTIOC1A — — B7 TCK/SWCLK P211 — IRQ23 SCK9_B/DE9 GTOUUP/GTIOC0A — — B8 VLO — — — — — — — B9 VLO — — — — — — — B10 VSS_DCDC — — — — — — — B11 VCC_DCDC — — — — — — — B12 VCC_DCDC — — — — — — — B13 — P311 — IRQ23-DS SCK3_B/DE3/CRX0/ET1_TX_CLK GTADSM1/GTCPPO6/AGTOB1 — VIO_D8 B14 — P908 — IRQ11 TXD6_A/SDA6_A/MOSI6_A/CRX1/ USB_OVRCURB/USBHS_ID/ET1_RXD2/ RGMII1_RXD2/PDMCLK1 GTIOC12B/ULPTEVI1 ADST1 VIO_D3 B15 — P909 — IRQ21-DS RXD6_A/SCL6_A/MISO6_A/CTX1/ USB_OVRCURA/USBHS_EXICEN/ ET1_RXD3/RGMII1_RXD3/PDMCLK0 GTIOC12A/ULPTOA1 ADST0 VIO_D2 B16 — P904 — IRQ2 ET1_RXD4 GTIOC11B — — RA8M2 Datasheet 1. Overview R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 33 of 295 |